Electronic Components Datasheet Search
  English  ▼

X  

MTL5541AS Datasheet(PDF) 13 Page - Eaton All Rights Reserved.

Part # MTL5541AS
Description  Compact modular design with DIN rail mounting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MTL5541AS Datasheet(HTML) 13 Page - Eaton All Rights Reserved.

Back Button MTL5541AS Datasheet HTML 9Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 10Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 11Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 12Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 13Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 14Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 15Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 16Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 17Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
EUROPE (EMEA)
Tel: +44 (0)1582 723633
Fax: +44 (0)1582 422283
AMERICAS
Tel: +1 281 571 8065
Fax: +1 281 571 8069
ASIA PACIFIC
Tel: +65 6 487 7887
Fax: +65 6 487 7997
E-mail: enquiry@mtl-inst.com
Web site: www.mtl-inst.com
The given data is only intended as a product description and should not be re-
garded as a legal warranty of properties or guarantee. In the interest of further
technical developments, we reserve the right to make design changes.
With the MTL5523 interface, an on/off device in a hazardous area
can be controlled by a voltage signal in the safe area. It is suitable
for driving loads such as solenoids. Line fault detection (LFD), which
operates irrespective of the output state, is signalled by a safe-area
solid-state switch which de-energises MTL5523, if a field line is
open or short–circuited. Earth fault detection can be provided by
connecting an MTL4220 earth leakage detector to terminal 3.
SPECIFICATION
See also common specification
Number of channels
One
Location of load
Zone 0, IIC, T4–6 hazardous area if suitably certified
Div. 1, Group A, hazardous location
Minimum output voltage
Equivalent output circuit
Hazardous-area output
Minimum output voltage: 12.8V at 48mA
Maximum output voltage: 24V from 180
Ω
Current limit:
48mA
Output ripple
< 0.5% of maximum output, peak to peak
Control input
Suitable for switch contacts, an open collector transistor or logic
drive
Output turns on if input switch closed, transistor on or
< 1.4V applied across terminals 11 & 12
Output turns off if input switch open, transistor off or
> 4.5V applied across terminals 11 & 12
Response time
Output within 10% of final value within 100ms
Line fault detection (LFD)
Open or short circuit in field cabling de-energises solid state
line-fault signal.
LFD transistor is switched on, provided that the field circuit
impedance is > 55
Ω and < 6k5Ω.
Line fault signal characteristics
Maximum off-state voltage: 35V
Maximum off-state leakage current: 10µA
Maximum on-state voltage drop: 2V
Maximum on-state current: 50mA
Note: LFD signal is Zener-diode protected against inductive loads
MTL5523
SOLENOID/ALARM DRIVER
with line fault detection, IIC
LED indicators
Green: power indication
Yellow: output status, on when output circuit is active
Red: LFD indication, on when line fault is detected
Maximum current consumption
100mA at 24V dc
Power dissipation within unit
1.2W with typical solenoid valve, output on
2.0W worst case
Safety description
V
o =25V
I
o =147mA
P
o =919mW
U
m = 253V rms or dc
21.4V minimum
180W maximum
Current limit: 48mA
48
Output current (mA)
Output
voltage
(V)
21.4
12.8
EPS5523-2
Nov 2008
Hazardous area
Safe area
6
5
4
3
2
1
7
8
9
10
11
12
13
14
Solenoid, alarm or
other IS device
+
–
Vs–
Vs+
20 to 35V dc
Line fault
detection
*
* link to reverse phase
To earth
leakage
detector
Terminal
Function
1
Output –ve
2
Output +ve
3
To earth leakage detector*
7
Line fault signal -ve
8
Phase reversal link
9
Phase reversal link
10
Line fault signal +ve
11
Control –ve
12
Control +ve
13
Supply –ve
14
Supply +ve
*Signal plug HAZ1-3 is required for access to this function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com