Electronic Components Datasheet Search
  English  ▼

X  

MTL5541AS Datasheet(PDF) 21 Page - Eaton All Rights Reserved.

Part # MTL5541AS
Description  Compact modular design with DIN rail mounting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MTL5541AS Datasheet(HTML) 21 Page - Eaton All Rights Reserved.

Back Button MTL5541AS Datasheet HTML 17Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 18Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 19Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 20Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 21Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 22Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 23Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 24Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 25Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
EUROPE (EMEA)
Tel: +44 (0)1582 723633
Fax: +44 (0)1582 422283
AMERICAS
Tel: +1 281 571 8065
Fax: +1 281 571 8069
ASIA PACIFIC
Tel: +65 6 487 7887
Fax: +65 6 487 7997
E-mail: enquiry@mtl-inst.com
Web site: www.mtl-inst.com
The given data is only intended as a product description and should not be re-
garded as a legal warranty of properties or guarantee. In the interest of further
technical developments, we reserve the right to make design changes.
EPS5546/46Y-3
MTL5546/5546Y
ISOLATING DRIVER
for 4–20mA smart valve positioners
with line fault detection
The MTL5546 accepts a 4/20mA floating signal from a safe-area
controller to drive a current/pressure converter (or any other load
up to 800
Ω) in a hazardous area. For smart valve positioners,
the module also permits bi-directional transmission of digital
communication signals so that the device can be interrogated
either from the operator station or by a hand-held communicator.
Process controllers with a readback facility can detect open or short
circuits in the field wiring: if these occur, the current taken into the
terminals drops to a preset level. The MTL5546Y is very similar to
the MTL5546 except that it provides open circuit detection only
(i.e. no short-circuit detection).
SPECIFICATION
See also common specification
Number of channels
One
Location of I/P converter
Zone 0, IIC, T4–6 hazardous area if suitably certified
Div. 1, Group A, hazardous location
Working range
4 to 20mA
Digital signal bandwidth
500Hz to 10kHz
Maximum load resistance
800
Ω (16V at 20mA)
Minimum load resistance
90
Ω (short-circuit detection at < 50Ω)
Output resistance
> 1M
Ω
Under/over range capability
Under range = 1mA
Over range = 24mA (load
≤ 520Ω)
Input and output circuit ripple
< 40µA peak-to-peak
Transfer accuracy at 20°C
Better than 20µA
Temperature drift
< 1.0µA/°C
Input characteristics
Field wiring state
MTL5546
MTL5546Y
Normal
< 6.0V
< 6.0V
Open-circuit
< 0.9mA
< 0.5mA
Short-circuit
< 0.9mA
N.A.
Response time
Settles within 200µA of final value within 100ms
Communications supported
HART®
LED indicator
Green: power indication
Maximum current consumption (with 20mA signals into 250
Ω load)
35mA at 24V dc
Power dissipation within unit (with 20mA signals into 250
Ω load)
0.8W at 24V
Safety description
V
o =28V
I
o =93mA
P
o = 651mW
U
m = 253V rms or dc
Terminal
Function
1
Output –ve
2
Output +ve
11
Input –ve
12
Input +ve
13
Supply –ve
14
Supply +ve
Apr 2009
Hazardous area
Safe area
–
Vs–
Vs+
20 to 35V dc
+
4/20mA
P
I
4/20mA
+
–
6
5
4
3
2
1
7
8
9
10
11
12
13
14
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com