Electronic Components Datasheet Search
  English  ▼

X  

MTL5541AS Datasheet(PDF) 16 Page - Eaton All Rights Reserved.

Part # MTL5541AS
Description  Compact modular design with DIN rail mounting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MTL5541AS Datasheet(HTML) 16 Page - Eaton All Rights Reserved.

Back Button MTL5541AS Datasheet HTML 12Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 13Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 14Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 15Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 16Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 17Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 18Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 19Page - Eaton All Rights Reserved. MTL5541AS Datasheet HTML 20Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
EUROPE (EMEA)
Tel: +44 (0)1582 723633
Fax: +44 (0)1582 422283
AMERICAS
Tel: +1 281 571 8065
Fax: +1 281 571 8069
ASIA PACIFIC
Tel: +65 6 487 7887
Fax: +65 6 487 7997
E-mail: enquiry@mtl-inst.com
Web site: www.mtl-inst.com
The given data is only intended as a product description and should not be re-
garded as a legal warranty of properties or guarantee. In the interest of further
technical developments, we reserve the right to make design changes.
MTL5526 SWITCH-
OPERATED RELAY
two–channel IS–output
The MTL5526 enables two separate IS circuits in a hazardous area
to be relay-contact controlled by two on-off switches or logic signals
in a safe area. Applications include the calibration of strain–gauge
bridges; changing the polarity (and thereby the tone) of an IS
sounder; the testing of IS fire alarms; and the transfer of safe-area
signals into an annunciator with IS input terminals not segregated
from each other. The output–relay contacts are certified as non–
energy–storing apparatus, and can be connected to any IS circuit
without further certification, provided that separate IS circuits are
such that they would remain safe if connected together.
SPECIFICATION
See also common specification
Number of channels
Two, fully floating
Location of control circuit
Safe area
Input/output characteristics
Contact/Logic mode
(Inputs suitable for switch contacts, an open–collector transistor
or logic drive)
Relay energised if
< 450
Ω or < 1V applied
Relay de–energised if
> 5k
Ω or > 2V applied (35V max.)
Loop powered mode
Relay energised if
>20V
Relay de-energised if
<17V
Power supply failure protection
Relays de–energised if supply fails
Response time
25ms nominal
Contacts (suitable for connection to IS circuits)
1–pole changeover per channel
Contact rating
250V dc, limited to 30V dc for IS applications, 2A
(reactive loads must be suppressed)
Contact life expectancy
2 x 107 operations at maximum IS load
Relay drive (see switch setting table)
Switch selection of loop powered or contact/logic control for
both channels. Further switch selects "1in2out" mode
LED indicators
Yellow: one provided for each channel, ON when relay is
energised
Green: one provided for power indication
Power requirement, Vs
44mA at 24V dc
41mA at 20V dc
60mA at 35V dc
Power dissipation within unit
1.1W maximum at 24V
Safety description (each channel)
Non-energy–storing apparatus: relay contacts may be
connected to any IS circuit without further consideration
EPS5526-1
Terminal
Function
1
IS relay output 1 (normally open)
2
IS relay output 1 (normally closed)
3
IS relay output 1 (common)
4
IS relay output 2 (common)
5
IS relay output 2 (normally closed)
6
IS relay output 2 (normally open)
8
Relay 1 control +ve
9
Relay 1 control –ve
10
Relay 2 control +ve
11
Relay 2 control –ve
13
Supply –ve
14
Supply +ve
Mode
Function
SW1
SW2
SW3
SW4
Contact/Logic
Input
2 ch
Off
On
On
On
1in2out
On
On
On
On
Loop Powered
2 ch
Off
Off
Off
Off
Hazardous area
Safe area
1
2
3
4
5
6
7
8
9
10
11
12
13
14
IS relay
IS relay
1
Vs–
Vs+
20 to 35V dc
2
Control
20 to
35V dc
Loop
powered
Contact
inputs
All contacts shown
in normal position
(relays de-energised)
*
* this link applies only to
contact/logic operation
User switch settings for operating mode
Jan 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com