Electronic Components Datasheet Search
  English  ▼

X  

WD6208 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WD6208
Description  USB 2.0 FLASH DISK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD6208 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WD6208 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 2Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 7Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 8Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
KEY FEATURS
■
USB 2.0 Interface compatible with
Mass Storage Device Class
-
Integrated USB 2.0 PHY
-
Supports USB High Speed and Full Speed
-
Suspend and Resume operations
■
Most Widely FLASH Support
-
Supports all type of NAND Flash devices
ST, Hynix, Samsung, Toshiba, Micron,
Infineon and Renesas
-
Supports AND, AG-AND, SuperAND
Flash from Renesas
-
Reed-Solomon Encoder/Decoder
on-the-fly correction
(5 bytes of a 528-byte block)
-
Flash identification support
-
Up to 16MB/s for read and 9MB/s for
write operations with single channel
■
Supply Management
-
Single 5.0V operation
-
Integrated 5.0V-3.3V voltage regulator
-
Integrated 3.3V-1.8V voltage regulator
■
Embedded 8-bit Single Cycle MCU
-
80C51 compatible 8-bit Microprocessor
■
USB 2.0 low-power device compliant
-
Less than 80mA during write operation
-
Less than 500µA in suspend mode
■
Clock Management
-
Integrated PLL for generating core and
USB 2.0 clock sources using an external
12 MHz crystal
■
Abundance GPIO for Application Usage
-
Up to 28 GPIOs
-
Integrated I2C Logic
-
Integrated UART Logic
■
Flexible Boot Mode Select
-
Configurable Boot from I2C Logic,
IO Logic
■
64BIT Chip ID support
-
The 64bit Chip ID is unique and can be read
out by user for any application purpose
■
Multi-partition support
-
Each partition can be defined as one of
CDROM, HDD, ZIP or Secure-Disk
■
Data Protection
–
Write protect switch control
–
Public/Private partitions support
■
Design For downgrade FLASH support
-
Optimized hardware unit for fast and
efficiency disk scanning
-
Up to 5bits per 528bytes block ECC of
random error
-
Up to 5bytes per 528bytes block ECC of
total error
■
Support wear-level arithmetic
■
Support bad block dynamic exclusion
arithmetic
■
Dual-Channel Support for High Speed
Application and up to 8 banks FLASH
-
Up to 18MB/s write and 29MB/s read
-
Up to 12 FLASH chips in series
■
Support Serial-EEPROM
■
Bootability support
–
Support HDD mode and ZIP mode
■
Device configurable Parameters :
–
USB Vendor ID/Product ID (VID/PID),
Serial Number and USB strings with foreign
language support
–
SCSI strings
–
LED outputs Mode
–
Adjustable Flash bus frequency to
reach highest performance
■
Code update in the Flash or E2PROM
■
TQFP48 7mmx7mm Lead-Free package
■
Fabricated in 0.18um CMOS process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com