Electronic Components Datasheet Search
  English  ▼

X  

WD6208 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # WD6208
Description  USB 2.0 FLASH DISK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD6208 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button WD6208 Datasheet HTML 9Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 10Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 11Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 12Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 13Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 14Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 15Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 16Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
4.3 OPERATING CONDITIONS
4.3.1 General Operating Conditions without internal LDO
Table 9
Symbol
Parameter
Conditions
Min
Max
Unit
VDD33
Power Supply
3.0
3.6
V
Ta
Ambient temperature range
0
70
℃
4.3.1 General Operating Conditions with internal LDO
Table 10
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA5
Power Supply
4.5
5.5
V
Ta
Ambient temperature range
0
70
℃
4.4 SUPPLY CURRENT CHARACTERISTICS
4.4.1 RUN and SUSPEND Modes
Table 11
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
Supply current in RUN mode
fosc = 12M
55
mA
IDD
Supply current in SUSPEND mode
Vreg33=3.3V
Ta = +25℃
250
μ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com