Electronic Components Datasheet Search
  English  ▼

X  

WD6208 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # WD6208
Description  USB 2.0 FLASH DISK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD6208 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button WD6208 Datasheet HTML 8Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 9Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 10Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 11Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 12Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 13Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 14Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 15Page - List of Unclassifed Manufacturers WD6208 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
4.2.1 Voltage Characteristics without internal LDO (VCC = VDD33A = 3.3V supply)
Table 5
4.2.1 Voltage Characteristics with internal LDO (VCC = VCCA5 = 5.0V supply)
Table 6
Symbol
Ratings
Max. Value
Unit
VCCA5
Supply Voltage
5.5
V
DP 、DM
Input Voltage On Pin
5.5
V
VIN
Input Voltage On other Pin
3.6
V
VESD(HBM)
ESD for Human Body Mode
2000
V
VESD(MM)
ESD for Machine Mode
200
V
4.2.2 Current Characteristics (Digital Parts)
Table 7
Symbol
Ratings
Max. Value
Unit
IVDD33
Total Current into VDD33 lines (source)
75
mA
IVSS
Total Current out of VSS ground lines (sink)
75
mA
4.2.3 Thermal Characteristics
Table 8
Symbol
Ratings
Min. Value
Max. Value
Unit
TSTG
Storage temperature range
-40
125
℃
ToT
Operating temperature
0
70
℃
Symbol
Ratings
Max. Value
Unit
VDD33A
Supply Voltage
3.6
V
DP 、DM
Input Voltage On Pin
5.5
V
VIN
Input Voltage On other Pin
3.6
V
VESD(HBM)
ESD for Human Body Mode
2000
V
VESD(MM)
ESD for Machine Mode
200
V
4.2 ABSOLUTE MAXIMUM RATINGS
Stresses above those listed as “absolute maximum ratings” may cause permanent
damage to the Device. This is a stress rating only and functional operation of the
Device under these conditions is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com