Electronic Components Datasheet Search
  English  ▼

X  

ICS950818 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS950818 Datasheet HTML 6Page - Renesas Technology Corp ICS950818 Datasheet HTML 7Page - Renesas Technology Corp ICS950818 Datasheet HTML 8Page - Renesas Technology Corp ICS950818 Datasheet HTML 9Page - Renesas Technology Corp ICS950818 Datasheet HTML 10Page - Renesas Technology Corp ICS950818 Datasheet HTML 11Page - Renesas Technology Corp ICS950818 Datasheet HTML 12Page - Renesas Technology Corp ICS950818 Datasheet HTML 13Page - Renesas Technology Corp ICS950818 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
a e- i
' It
IT bl B
Table2
PCI STOP# SMBus Contro
vteO e· 3
PCI_STOP#
Byte O Bit 3
Byte 0, Bit 3 Read Bit
(Pin 30)
Write Bit
(Internal Status)
0
0
0
0
1
0
1
0
0
1
1
1'
Note: When this Byte 0, Bit 3 is low (0), all PCI clocks are stopped.
Table3
CPUCLKT/C (1:0) Outputs SMBus Control Table
CPU_STOP#
Byte 1
CPUCLKT/C (1:0) Outputs
(Pin 45\
Bit 4. 5
0
0
Stop
0
1
Running
1
0
Running
1
1
Running
Note: Individual CPUCLK outputs are controlled by Byte 1, Bit 4, and 5.
Table4
PCICLK F (2:0 Outputs SMBus ControlTable
PCI_STOP#
Byte 3
PCICLK (2:0) Outputs
lPin 30\
Bit 3 4 5
0
0
Stop
0
1
Running
1
0
Running
1
1
Running
Note: Individual PCICLK outputs are controlled by Byte 3, Bit 3, 4, and 5.
Table5
3V66 (4:2) SMBus Control Table
CPU_STOP#
Byte 5
3V66 (4:2)
(Pin 45)
Bit 5
0
0
Running
0
1
Stopped
1
0
Running
1
1
Running
Note: Activating Byte 5, Bit 5 will allow CPU_STOP# to control stop of pins 17, 18, and 19
Table6
3V66 (1) SMBus ControlTable
CPU_STOP#
Byte 5
3V66 (1)
(Pin 45)
Bit 4
0
0
Running
0
1
Stopped
1
0
Running
1
1
Running
Note: Activating Byte 5, Bit 4 will allow CPU_STOP# to control stop of pins 31.
0825F-11/19/03
10
ICS950818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com