Electronic Components Datasheet Search
  English  ▼

X  

ICS950818 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS950818 Datasheet HTML 7Page - Renesas Technology Corp ICS950818 Datasheet HTML 8Page - Renesas Technology Corp ICS950818 Datasheet HTML 9Page - Renesas Technology Corp ICS950818 Datasheet HTML 10Page - Renesas Technology Corp ICS950818 Datasheet HTML 11Page - Renesas Technology Corp ICS950818 Datasheet HTML 12Page - Renesas Technology Corp ICS950818 Datasheet HTML 13Page - Renesas Technology Corp ICS950818 Datasheet HTML 14Page - Renesas Technology Corp ICS950818 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ICS950818
Absolute Maximum Ratings
Supply Voltage ......................... 5.5 V
Logic Inputs ........................... GND -0.5 V to Voo + 0.5 V
Ambient Operating Temperature .......... 0°c to +90°C
Case Temperature ...................... 115 ° C
Storage Temperature .................... -65°C to +150 °C
Stresses above those listed under Absolute Maximum Ratingsmay cause permanent damage to the device.These ratings
are stress specifications only and functional operation of the device at these or any other conditions above those listed
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA= 0 - 90°C; Supply Voltage VDD= 3.3 V +/- 5%
PARAMETER
Input High Voltage
Input Low Voltage
Input High Current
Input Low Current
Operating Supply Current
Powerdown Current
Input Frequency
Pin Inductance
Input Capacitance1
Clk Stabilization1 ·2
Delay 1
SYMBOL
V1H
V1L
l1H
l1H
l1L1
l1L2
loD3.30P
loo3.30P
loo3.3PD
loo3.3PDHlz
Fi
Loin
C1N
Cmrr
C1NX
TsTAB
tpzH,tPZI..
tpHZ,tPLZ
CONDITIONS
V1N= V00; Inputs with no pull-down
resistors
V1N= V00; Inputs with pull-down
resistors
V1N= 0 V; Inputs with no pull-up
resistors
V1N= 0 V; Inputs with pull-up
resistors
CL= Full load; Select@ 100 MHz
CL=Full load; Select@ 133 MHz
IREF= 5 mA
Voo= 3.3 V
Logic Inputs
Output pin capacitance
X1 & X2 pins
From PowerUp or deassertion of
PowerDown to 1st clock.
Output enable delay (all outputs)
Output disable delay (all outputs)
1 Guaranteed by design, not 100% tested in production.
2See timing diagrams for buffered and un-buffered timing requirements.
0825F-11/19/03
11
MIN
2
Vss-0.3
-5.75
-200
27
1
1
TYP
MAX
UNITS
Voo+0.3
V
0.8
V
5.75
mA
200
µA
mA
µA
182
280
mA
189
280
mA
14
52
mA
9
0.5
mA
14.32
MHz
7
nH
5
pF
6
pF
45
pF
2.1
ms
12
ns
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com