Electronic Components Datasheet Search
  English  ▼

X  

ICS950818 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ICS950818 Datasheet HTML 11Page - Renesas Technology Corp ICS950818 Datasheet HTML 12Page - Renesas Technology Corp ICS950818 Datasheet HTML 13Page - Renesas Technology Corp ICS950818 Datasheet HTML 14Page - Renesas Technology Corp ICS950818 Datasheet HTML 15Page - Renesas Technology Corp ICS950818 Datasheet HTML 16Page - Renesas Technology Corp ICS950818 Datasheet HTML 17Page - Renesas Technology Corp ICS950818 Datasheet HTML 18Page - Renesas Technology Corp ICS950818 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ICS950818
Electrical Characteristics - REF (1 X select)
TA= 0 - 90°C; VDD=3.3V +/-5%; CL= 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
Fo1
Fig. 8
14.318
MHz
Output Impedance
RosP11
Vo = Voo*(0.5)
20
52.50
70
Q
Output High Voltage
VoH1
loH = -1 mA
2.05
3.24
V
Output Low Voltage
VoL1
loL = 1 mA
0.06
0.45
V
Output High Current
loH1
V OH = 1.0 V
-70
-29
V OH = 3.135 V
-25
-12
VoL= 0.4 V
30
38
mA
Output Low Current
loL1
VoL1.95 V
26
60
Rise Time
1
VoL= 0.4 V, VoH = 2.4 V (Fig. 7)
1
2.3
lr1
-
ns
Fall Time
111
1
VoH = 2.4 V, VoL= 0.4 V (Fig. 7)
1
1.98
2.3
ns
Duty Cycle
d111
VT= 1.5 V
45
54.50
55
%
Jitter
licvc-cvc
1
VT= 1.5 V (Fig. 8)
242
1200
ps
l
0
Guaranteed by design, not 1001/o tested m production.
Electrical Characteristics - REF (2X select)
TA= 0 - 90°C; VDD=3.3V +/-5%; CL = 20-40 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
Fo1
Fig. 8
14.318
MHz
Output Impedance
RosP11
Vo = Voo*(0.5)
52.5
Q
Output High Voltage
VoH1
loH = -1 mA
2.7
3.24
V
Output Low Voltage
VoL1
loL= 1 mA
0.06
0.4
V
Output High Current
loH1
V OH = 1.0 V
-100
-60
V OH = 3.135 V
-28
-17
VoL = 0.4 V
44
60
mA
Output Low Current
loL1
VoL1.95 V
26
100
Rise Time
1
VoL = 0.4 V, VoH = 2.4 V (Fig. 7)
1
2.3
lr1
-
ns
Fall Time
111
1
VoH = 2.4 V, VoL= 0.4 V (Fig. 7)
1
1.98
2.3
ns
Duty Cycle
d111
VT= 1.5 V
45
54.70
55
%
Jitter
l;cvc-cvc
1
VT= 1.5 V (Fig. 8)
242
1200
ps
l Guaranteed by design, not 100% tested m production.
0825F-11/19/03
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com