Electronic Components Datasheet Search
  English  ▼

X  

LT211SC Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LT211SC
Description  Photo DMOS-FET Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT211SC Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LT211SC Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 4Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 5Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LT211SC
Rev.B
Letex Technology Corp.
Photo DMOS-FET Relay
Description
The LT211SC is a miniature 1-Form A solid state relay in a 4 pin SOP package that
employs optically coupled MOSFET technology to provide 1500V of input to output
isolation. The optically coupled input is controlled by a highly efficient GaAlAs infrared
LED and MOS FETs on the output side.
Features
•SOP package 4 Pin type in miniature design (4.4×4.3×2.0mm / .173×.169×.083inch)
•Low driver power requirements (TTL/CMOS Compatible)
•Short circuit protection (Latch type)
•No moving parts
•High reliability
•Arc-Free with no snubbing circuits
•1500Vrms Input/Output isolation
•Tape & Reel version available
Applications
•Telecommunications (PC, Electronic notepad)
•Measuring and Testing equipment
•Industrial control
•Security equipments
•High speed inspection machine
Outline Dimensions
3
Unit : mm inch
Tolerance: 0.1 .004
1
4
2
1
2
4
3
1. LED Anode
2. LED Cathode
3, 4. Drain (MOS FET)


Similar Part No. - LT211SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT211 ETC-LT211 Datasheet
304Kb / 5P
Photo DMOS-FET Relay
logo
Seoul Semiconductor
LT211 SEOUL-LT211 Datasheet
376Kb / 14P
INFRARED LAMP LED
LT211 SEOUL-LT211 Datasheet
360Kb / 13P
CYAN LAMP LED
LT211 SEOUL-LT211 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LT211 SEOUL-LT211 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LT211SC

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT219-2 LETEX-LT219-2 Datasheet
138Kb / 4P
Photo DMOS-FET Relay
LT225 LETEX-LT225 Datasheet
210Kb / 4P
Photo DMOS-FET Relay
LT232 LETEX-LT232 Datasheet
125Kb / 4P
Photo DMOS-FET Relay
LT236 LETEX-LT236 Datasheet
137Kb / 4P
Photo DMOS-FET Relay
LT316 LETEX-LT316 Datasheet
140Kb / 4P
Photo DMOS-FET Relay
LT333 LETEX-LT333 Datasheet
153Kb / 4P
Photo DMOS-FET Relay
LT513 LETEX-LT513 Datasheet
173Kb / 3P
Photo DMOS-FET Relay
LT516 LETEX-LT516 Datasheet
97Kb / 3P
Photo DMOS-FET Relay
LT541 LETEX-LT541 Datasheet
170Kb / 3P
Photo DMOS-FET Relay
LU634 LETEX-LU634 Datasheet
143Kb / 4P
Photo DMOS-FET Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com