Electronic Components Datasheet Search
  English  ▼

X  

LT211SC Datasheet(PDF) 4 Page - LETEX TECHNOLOGY CORP.

Part # LT211SC
Description  Photo DMOS-FET Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT211SC Datasheet(HTML) 4 Page - LETEX TECHNOLOGY CORP.

  LT211SC Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 4Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 5Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LT211SC
Rev.B
Letex Technology Corp.
-40
0
-20
Ambient temperature (℃)
40
0
20
60
80
85
100
-40
0
-20
Ambient temperature (℃)
40
0
20
60
85
Cut off current Vs.
Ambient temperature
50
100
150
200
250
300
Detection time Vs.
Ambient temperature
50
100
100
150
200
250
300
●RECOMMENDED OPERATING CONDITIONS
Please following conditions to ensure proper device operation and resetting.
Item
Symbol
Recommended value
Unit
Input LED current
IF
5~10
mA
Short-circuit protection function
When the load current exceeds a fixed value, the short circuit protection function activates to completely
cut off the load current and keep the Photo MOS Relay turned off. In the Photo MOS Relay ,The short
circuit protection instantaneously completely cuts of the load current. This function protects any circuits
that follow the Photo MOS Relay from excess current and prevents it from becoming damaged. Turn off
the input current, and restart, Photo mos relay function to restore. To make the short circuit protection
complete, make sure that the input current is at least IF = 5 mA.
Output voltage and current characteristics
Output Voltage
V-I characteristics of
short circuit protection circuit
Action flow chart
Output Current
Iutput Current
5mA
120mA
Short circuit
current
Abnormal current
whentheinput current isreset.
ThePhotoMOSoperatesnormally
Theloadcurrent exceedsafixedvalue
, theshort circuit protectionfunction
activatestocompletelycut off
theloadcurrent



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com