Electronic Components Datasheet Search
  English  ▼

X  

LT211SC Datasheet(PDF) 3 Page - LETEX TECHNOLOGY CORP.

Part # LT211SC
Description  Photo DMOS-FET Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT211SC Datasheet(HTML) 3 Page - LETEX TECHNOLOGY CORP.

  LT211SC Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 4Page - LETEX TECHNOLOGY CORP. LT211SC Datasheet HTML 5Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LT211SC
Rev.B
Letex Technology Corp.
Reference Data
LED foward current Vs.
turn off time characteristics
Voltage Vs. currennt characteristics
of output at MOS portion
10
0.2
0
0
0.4
0.6
0.8
LED forward current (mA)
20
30
40
50
0.02
60
0
0
10
0.04
0.06
0.08
LED forward current (mA)
20
30
40
50
LED foward current Vs.
turn on time characteristics
50mA
30mA
20mA
10mA
5mA
1.0
1.2
-40
0
-20
Ambient temperature (℃)
40
0
20
60
85
LED forward voltage Vs.
Ambient temperature
1.0
1.1
1.2
1.3
1.5
1.4
0.10
0.12
100
-100
-5
-4
1
-20
-80
-60
-40
-3
-2
20
-1
40
Voltage, V
2
3
4
5
80
60
100
150
50
60
0
0
10
50
100
Applied voltage (V)
30
20
40
Applied voltage Vs.
output capacitance characteristics
400
200
0
10
-12
Load voltage (V)
10
-9
10
-6
10
-3
-40
0
-20
0.1
0.2
0.3
Ambient temperature (℃)
40
0
20
60
85
0.4
0.5
-40
0
-20
Turn off time Vs.
Ambient temperature
Ambient temperature (℃)
40
0
20
60
80
85
100
-40
0
-20
1
2
3
Ambient temperature (℃)
40
0
20
60
85
LED operate current Vs.
Ambient temperature
4
5
100
-40
0
-20
Ambient temperature (℃)
40
0
20
60
85
Load current Vs.
Ambient temperature
20
40
60
80
100
120
On resistance Vs.
Ambient temperature
30
10
20
40
50
100
100
100
-40
0
-20
0.2
0.4
0.6
Ambient temperature (℃)
20
0
40
60
85
LED turn off current Vs.
Ambient temperature
0.8
1.0
100
0
-40
-20
Ambient temperature (℃)
20
0
40
60
80
85
Turn on time Vs.
Ambient temperature
1.0
0.5
1.5
2.0
2.5
3.0
350
300
250
200
150
100
50
Off state leakage current Vs.
Load voltage characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com