Electronic Components Datasheet Search
  English  ▼

X  

BLF245B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF245B
Description  VHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF245B Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF245B Datasheet HTML 1Page - NXP Semiconductors BLF245B Datasheet HTML 2Page - NXP Semiconductors BLF245B Datasheet HTML 3Page - NXP Semiconductors BLF245B Datasheet HTML 4Page - NXP Semiconductors BLF245B Datasheet HTML 5Page - NXP Semiconductors BLF245B Datasheet HTML 6Page - NXP Semiconductors BLF245B Datasheet HTML 7Page - NXP Semiconductors BLF245B Datasheet HTML 8Page - NXP Semiconductors BLF245B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
September 1992
2
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF245B
FEATURES
• High power gain
• Easy power control
• Good thermal stability
• Gold metallization ensures
excellent reliability.
DESCRIPTION
Dual push-pull silicon N-channel
enhancement mode vertical D-MOS
transistor designed for large signal
amplifier applications in the VHF
frequency range.
The transistor is encapsulated in a
4-lead, SOT279 balanced flange
envelope, with a ceramic cap. The
mounting flange provides the
common source connection for the
transistors.
PINNING - SOT279
PIN
DESCRIPTION
1
gate 1
2
drain 1
3
gate 2
4
drain 2
5
source
PIN CONFIGURATION
CAUTION
The device is supplied in an antistatic package. The gate-source input must
be protected against static charge during transport and handling.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO disc is not damaged. All persons who handle, use or dispose of
this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline and symbol.
fpage
14
3
2
5
Top view
MSB018
MBB157
g2
g1
d2
d1
s
QUICK REFERENCE DATA
RF performance at Th = 25 °C in a push-pull common source test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
GP
(dB)
ηD
(%)
CW, class-B
175
28
30
> 14
> 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com