Electronic Components Datasheet Search
  English  ▼

X  

BLF245B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF245B
Description  VHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF245B Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF245B Datasheet HTML 1Page - NXP Semiconductors BLF245B Datasheet HTML 2Page - NXP Semiconductors BLF245B Datasheet HTML 3Page - NXP Semiconductors BLF245B Datasheet HTML 4Page - NXP Semiconductors BLF245B Datasheet HTML 5Page - NXP Semiconductors BLF245B Datasheet HTML 6Page - NXP Semiconductors BLF245B Datasheet HTML 7Page - NXP Semiconductors BLF245B Datasheet HTML 8Page - NXP Semiconductors BLF245B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
September 1992
4
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF245B
CHARACTERISTICS (per section)
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
ID = 5 mA; VGS = 0
65
−−
V
IDSS
drain-source leakage current
VGS = 0; VDS = 28 V
−−
1mA
IGSS
gate-source leakage current
±VGS = 20 V; VDS = 0
−−
1
µA
VGS(th)
gate-source threshold voltage
ID = 5 mA; VDS = 10 V
2
−
4.5
V
gfs
forward transconductance
ID = 0.75 A; VDS = 10 V
600
850
−
mS
RDS(on)
drain-source on-state resistance
ID = 0.75 A; VGS = 10 V
−
0.8
1.5
Ω
IDSX
on-state drain current
VGS = 10 V; VDS = 10 V
−
5
−
A
Cis
input capacitance
VGS = 0; VDS = 28 V; f = 1 MHz
−
60
−
pF
Cos
output capacitance
VGS = 0; VDS = 28 V; f = 1 MHz
−
40
−
pF
Crs
feedback capacitance
VGS = 0; VDS = 28 V; f = 1 MHz
−
4.5
−
pF
Fig.4
Temperature coefficient of gate-source
voltage as a function of drain current, typical
values per section.
VDS = 10 V.
handbook, halfpage
2
−8
MGP180
10
102
103
1
−6
−4
−2
0
T.C.
(mV/K)
ID (mA)
Fig.5
Drain current as a function of gate-source
voltage, typical values per section.
VDS = 10 V.
handbook, halfpage
048
16
6
0
2
4
12
MGP181
ID
(A)
VGS (V)
Tj = 25 °C
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com