Electronic Components Datasheet Search
  English  ▼

X  

P82F Datasheet(PDF) 4 Page - Norgren Ltd

Part # P82F
Description  P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

P82F Datasheet(HTML) 4 Page - Norgren Ltd

  P82F Datasheet HTML 1Page - Norgren Ltd P82F Datasheet HTML 2Page - Norgren Ltd P82F Datasheet HTML 3Page - Norgren Ltd P82F Datasheet HTML 4Page - Norgren Ltd P82F Datasheet HTML 5Page - Norgren Ltd P82F Datasheet HTML 6Page - Norgren Ltd P82F Datasheet HTML 7Page - Norgren Ltd P82F Datasheet HTML 8Page - Norgren Ltd P82F Datasheet HTML 9Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2020-9330a) © 2015 IMI International s.r.o.
en 8.105.615.04
11/22
Heavy duty muffler, R1/4
male thread, brass wire
element
MB002B
Heavy duty muffler, 1/4”
NPT male thread, brass
wire element
MB002A
Silencer
Accessories
Quikclamp®
Page 5
820014-51KIT
Quikclamp®
with bracket assembled
Page 5
820014-52KIT
Pressure sensing block
1/4 PTF
Page 5
820016-50KIT
Pressure sensing block
G1/4
Page 5
820016-51KIT
Full flow porting block
3/8” PTF
Page 5
820028-50KIT
Full flow porting block
G3/8
Page 5
820028-53KIT
Pressure switch interface
block (18D pressure switch)
Page 6
0523109000000000
Pneumatic pressure switch
18D (0,5 ... 8 bar) *1)
Page 6
0881300
Digital pressure switch
51D (-1 ... 10 bar) *2)
Page 7
0860810
Port Adaptors
1/4 PTF
Page 6
820015-02KIT
Port Adaptors
3/8 PTF
Page 6
820015-03KIT
Port Adaptors
G1/4
Page 6
820015-08KIT
Port Adaptors
G3/8
Page 6
820015-09KIT
*1) Flanged version. For other pressure ranges, please see data sheet 5.11.001
*2) For other pressure ranges, please see data sheet 5.11.385
Voltage rating and spare coils
Voltage
Power
Replacement
24 V d.c.
1,2 W
840650-50KIT
110 V a.c.
1,5 VA
840650-51KIT
220 V a.c.
1,5 VA
840650-52KIT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com