Electronic Components Datasheet Search
  English  ▼

X  

P82F Datasheet(PDF) 9 Page - Norgren Ltd

Part # P82F
Description  P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

P82F Datasheet(HTML) 9 Page - Norgren Ltd

  P82F Datasheet HTML 1Page - Norgren Ltd P82F Datasheet HTML 2Page - Norgren Ltd P82F Datasheet HTML 3Page - Norgren Ltd P82F Datasheet HTML 4Page - Norgren Ltd P82F Datasheet HTML 5Page - Norgren Ltd P82F Datasheet HTML 6Page - Norgren Ltd P82F Datasheet HTML 7Page - Norgren Ltd P82F Datasheet HTML 8Page - Norgren Ltd P82F Datasheet HTML 9Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2020-9330a) © 2015 IMI International s.r.o.
en 8.105.615.09
11/22
Warning
These products are intended for use in industrial compressed air
systems only. Do not use these products where pressures and
temperatures can exceed those listed under »Technical features/
data«.
Before using these products with fluids other than those specified,
for non-industrial applications, life-support systems or other
applications not within published specifications, consult
Norgren Ltd.
Through misuse, age, or malfunction, components used in fluid
power systems can fail in various modes.
The system designer is warned to consider the failure modes of
all component parts used in fluid power systems and to provide
adequate safeguards to prevent personal injury or damage to
equipment in the event of such failure.
System designers must provide a warning to end users in the
system instructional manual if protection against a failure mode
cannot be adequately provided.
System designers and end users are cautioned to review specific
warnings found in instruction sheets packed and shipped with
these products.
EN - Englisch
51D Pressure switch - digital
Dimensions in mm
Projection/First angle
1 Switch OUT 1, green LED
2 Switch OUT 2, red LED
3 Dustproof protector
4 Connector M12 x 1
5 Inlet port
6 Alternative inlet port G1/8 plugged
7 Thread for mounting screw
1
3
5
6
4
7
31
36,5
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com