Electronic Components Datasheet Search
  English  ▼

X  

P82F Datasheet(PDF) 1 Page - Norgren Ltd

Part # P82F
Description  P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

P82F Datasheet(HTML) 1 Page - Norgren Ltd

  P82F Datasheet HTML 1Page - Norgren Ltd P82F Datasheet HTML 2Page - Norgren Ltd P82F Datasheet HTML 3Page - Norgren Ltd P82F Datasheet HTML 4Page - Norgren Ltd P82F Datasheet HTML 5Page - Norgren Ltd P82F Datasheet HTML 6Page - Norgren Ltd P82F Datasheet HTML 7Page - Norgren Ltd P82F Datasheet HTML 8Page - Norgren Ltd P82F Datasheet HTML 9Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2020-9330a) © 2015 IMI International s.r.o.
11/22
en 8.105.615.01
Technical features
P82F 3/2 Soft Start/Dump Valve
Excelon® Plus Modular System
> Port size:
1/4” ... 3/8” (ISO G/PTF)
> Excelon® Plus design
allows in-line installation
or modular installation
with other Excelon® Plus
products
> High forward flow capacity
> Fast Exhausting
> Variable Snap Adjustment
> Solenoid and air pilot
options
> For use as components
in safety-related
systems according to
DIN EN ISO13849 up to a
Performance Level (PL)c
Cat. 1
Safety function: Safe
Venting.
Medium:
Compressed air only
Maximum supply pressure:
10 bar (145 psi)
Minimum operating pressure:
3 bar (43 psi)
Port size:
G1/4, G3/8,
1/4 PTF, 3/8 PTF
Flow:
21 dm3/s at port size 1/4”
Full flow P1 to P2 at 6,3 bar
(91 psi) inlet, with 0,5 bar
(7 psi) pressure drop
P2 to P3 at 18 dm3/s
Ambient/Media temperature:
-20 ... +65°C (-4 ... +149ºF)
Air supply must be dry
enough to avoid ice
formation at temperatures
below +2°C (+35°F).
Materials:
Body: Aluminium
End Caps: Aluminum
Body covers: ABS
Elastomers: NBR
Valve: Brass
Air Pilot: Aluminium
Technical data P82F
Symbol
Port Size
Actuating/return
Voltage
Exhaust Port
Weight (kg)
Model
2
1 3
12
10
G1/4
Solenoid/spring
24 V d.c.
G1/4
0,45
P82F-2GT-PFN
G3/8
Solenoid/spring
24 V d.c.
G1/4
0,45
P82F-3GT-PFN
2
1 3
10
12
G1/4
Air/spring
N/A
G1/4
0,45
P82F-2GA-NNN
G3/8
Air/spring
N/A
G1/4
0,45
P82F-3GA-NNN
Voltage tolerance:
-10%/+15%
Rating:
100% continuous duty
Inlet orifice:
0,8mm
Electrical connection: 15mm DIN EN 175301-803 (DIN 43650) Form C
Manual override:
Shrouded push button, spring return
Protection class:
IP65
Materials:
PP5 (body), NBR (seals)
Electrical details for solenoid operators


Similar Part No. - P82F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P82F7R5SN SHINDENGEN-P82F7R5SN Datasheet
1Mb / 4P
Power MOSFET
logo
Inchange Semiconductor ...
P82F7R5SN ISC-P82F7R5SN Datasheet
313Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - P82F

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
B82G NORGREN-B82G Datasheet
2Mb / 8P
General purpose filter/regulator Excelon® Plus Modular System
02/21
P82C NORGREN-P82C Datasheet
1Mb / 9P
P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
P84C NORGREN-P84C Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
P84F NORGREN-P84F Datasheet
1Mb / 9P
P84F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
10/22
T72 NORGREN-T72 Datasheet
687Kb / 2P
T72 - EXCELON® Modular System 2/2 and 3/2 shut-off valve
03/16
T73 NORGREN-T73 Datasheet
652Kb / 2P
T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
03/16
T74 NORGREN-T74 Datasheet
929Kb / 3P
T74 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
01/17
T84 NORGREN-T84 Datasheet
1Mb / 7P
T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB84 NORGREN-TB84 Datasheet
1Mb / 9P
Filter- Regulator - Combination Units Excelon® Plus Modular System
09/22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com