Electronic Components Datasheet Search
  English  ▼

X  

IDTAMB0480 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IDTAMB0480
Description  ADVANCED MEMORY BUFFER FOR FULLY BUFFERED DIMM MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTAMB0480 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IDTAMB0480 Datasheet HTML 8Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 9Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 10Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 11Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 12Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 13Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 14Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 15Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
IDTAMB0480
ADVANCEDMEMORYBUFFERFORFULLYBUFFEREDDIMM
COMMERCIALTEMPERATURERANGE
DDR BIAS
PLL AND CHANNEL BIAS
AMB0480
DDRC_B18
DDRC_C14
DDRC_C18
VDD
VSS
RC12
RB12
DDRC_C12
DDRC_B12
RB18
RC18
AMB0480
VCC
VSS
C1
C2
VSSAPLL
VCCFBD
RFBDRES
FBDRES
VCCAPLL
PLLTSTO
RPLLTST
R
L
NOTES:
1. Refer to JEDEC PC2-4200/5300/6400 DDR2 FULLY BUFFERED DIMM DESIGN SPECIFICATIONS, rev 2.0.
2. The resistor R must be 0
Ω and the inductor L needs to be replaced with a 0Ω resistor. The resistor RFBDRES = 100Ω and Resistor RPLLTST = 51Ω.
3. It is not recommended to use a serpentine copper trace in place of the resistor R. This resistor value needs to be AMB manufacturer defined and not set to a single fixed value.
Some raw cards have implemented the resistor with a serpentine copper trace on the DIMM PCB, while others use a discrete resistor. The limitation of using the copper trace
has been discussed in JEDEC, highlighting that the resistor implemented as a serpentine copper trace is not a generic solution. The raw card artwork now allows the option of
bypassing any serpentine trace with a 0
Ω resistor to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com