Electronic Components Datasheet Search
  English  ▼

X  

IDTAMB0480 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # IDTAMB0480
Description  ADVANCED MEMORY BUFFER FOR FULLY BUFFERED DIMM MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTAMB0480 Datasheet(HTML) 2 Page - Renesas Technology Corp

  IDTAMB0480 Datasheet HTML 1Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 2Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 3Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 4Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 5Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 6Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 7Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 8Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
COMMERCIALTEMPERATURERANGE
IDTAMB0480
ADVANCEDMEMORYBUFFERFORFULLYBUFFEREDDIMM
CLK[3:0]
A[15:0]A/BA[2:0]A
Thermal
Sensor
SMBus
Controller
SA[2:0]
SCL
SDA
Failover
Link Init FSM
and Control
Cmnd Decode
& CRC Check
IBIST Rx
IBIST Tx
SB Link
CSRs
External MemBIST,
DDR Calibration and
DDR IOBIST
Re-sync
FIFO
De-skew
FIFO
Re-skew
FIFO
SIPO
PISO
10 x 12b
10 x 12b
CLK[3:0]
32 x 144b
DDR State
Controller
DDR Link
CSRs
Termination
FSM
FBDRES
A[15:0]B/BA[2:0]B
RASA/CASA/WEA
RASB/CASB/WEB
CS[1:0]A/CKE[1:0]A
CS[1:0]B/CKE[1:0]B
BFUNC
Core Control
and CSRs
Reset
Control
RESET
SB clock
CB[7:0]/DQ[63:0]
DQS[17:0]
Write Data
FIFO
DQS[17:0]
Impedance
Control
FSM
DDRC_B12
DDRC_C12
Sync and Idle
Pattern Gen
CRC Gen
& Read FIFO
Failover
Northbound Lanes
Re-sync
FIFO
De-skew
FIFO
Re-skew
FIFO
SIPO
PISO
14 x 12b
14 x 12b
PN[13:0]/PN[13:0]
SN[13:0]/SN[13:0]
Link Init FSM
and Control
IBIST Rx
IBIST Tx
NB Link
CSRs
SCK
Phase-locked
Loop
Clock
Generator
PLLTSTO
NB clock
REF clock
DDR clocks
SCK
DLL
4
19
18
72
3
10 x 2
10 x 2
Southbound Lanes
PS[9:0]/PS[9:0]
SS[9:0]/SS[9:0]
Vref
3
4
ODTA
ODTB
14 x 2
14 x 2
144b
144b
168b
DDRC_B18
DDRC_C18
DDRC_C14
FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com