Electronic Components Datasheet Search
  English  ▼

X  

IDTAMB0480 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # IDTAMB0480
Description  ADVANCED MEMORY BUFFER FOR FULLY BUFFERED DIMM MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTAMB0480 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button IDTAMB0480 Datasheet HTML 8Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 9Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 10Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 11Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 12Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 13Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 14Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 15Page - Renesas Technology Corp IDTAMB0480 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
COMMERCIALTEMPERATURERANGE
IDTAMB0480
ADVANCEDMEMORYBUFFERFORFULLYBUFFEREDDIMM
MISCELLANEOUS BIAS
BIAS COMPONENTS - RECOMMENDED VALUES AMB0480
AMB0480
VDD
VSS
R1
HVM
TESTLO_AC20
RSA0
R2
R4
R3
VSS
VSS
TESTLO_AB20
SA0
SA0
SPD
Gold Finger
TESTLO_F8
TESTLO_A13
TESTLO_B13
TESTLO_B17
TESTLO_G16
BFUNC
TEST_F9
TEST_A17
TEST_F21
TEST_F22
NC
NC
NC
NC
NOTES:
1. Refer to JEDEC PC2-4200/5300/6400 DDR2 FULLY BUFFERED DIMM DESIGN SPECIFICATIONS, rev 2.0.
2. Component values for the AMB0480 are summarized in the BIAS COMPONENT table.
Schematic Diagram
Reference
Value
Description
RC12
82
Ω
The impedance of the pull up (PRU) and pull down (PRD) on the AMB DDR Outputs is relatedto RB12
& RC12 as follows:
RC12 = RB12 = 5.3125 * Desired Output Impedance
DDR Bias
RB12
82
Ω
A resistor value of 82
ΩresultsinanimpedanceataJEDECnominalvalueof15Ω. Theusercanadjust
these value to optimize the DDR output impedance for a DIMM raw card configuration.
RB18
825
Ω
RC18
121
Ω
R0
Ω
Resistor R must be 0
Ω
L0
Ω
Inductor L needs to be replaced with a 0
Ω resistor
PLL and Channel
C1
10
μF
C2
10
μF
RPLLTSTO
51
Ω
RFBDRES
100
Ω
R1
Not loaded
R2
Not loaded
Miscellaneous
R3
0
Ω
R4
0
Ω
RSA0
825
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com