Electronic Components Datasheet Search
  English  ▼

X  

PM6681ATR Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM6681ATR
Description  Dual step-down controller with adjustable LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681ATR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM6681ATR Datasheet HTML 2Page - STMicroelectronics PM6681ATR Datasheet HTML 3Page - STMicroelectronics PM6681ATR Datasheet HTML 4Page - STMicroelectronics PM6681ATR Datasheet HTML 5Page - STMicroelectronics PM6681ATR Datasheet HTML 6Page - STMicroelectronics PM6681ATR Datasheet HTML 7Page - STMicroelectronics PM6681ATR Datasheet HTML 8Page - STMicroelectronics PM6681ATR Datasheet HTML 9Page - STMicroelectronics PM6681ATR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Pin settings
PM6681A
6/12
16
LDO FB
Feedback input for the adjustable internal linear regulator. This pin is
connected to a resistive voltage-divider from LDO to SGND to adjust the
output voltage from 0.9V to 3.3V.
17
V5SW
Internal 5V regulator bypass connection.
– If V5SW is connected to OUT5 (or to an external 5V supply) and V5SW is
greater than 4.9V, the LDO5 regulator shuts down and the LDO5 pin is
directly connected to OUT5 through a 3W (max) switch.
If V5SW is connected to GND, the LDO5 linear regulator is always on.
18
LDO5
5V internal regulator output. It can provide up to 100mA peak current. LDO5
pin supplies embedded low side gate drivers and an external load.
19
VIN
Device supply voltage input and battery voltage sense. A bypass filter (4
Ω
and 4.7mF) between the battery and this pin is recommended.
20
CSENSE1
Positive current sense input for the switching section 1. This pin must be
connected through a resistor to the drain of the synchronous rectifier to
obtain a positive current limit threshold for the power supply controller.
21
PHASE1
Switch node connection and return path for the high side driver for the
section 1.It is also used as negative current sense input.
22
HGATE1
High-side gate driver ouput for section 1. This is the floating gate driver
output.
23
BOOT1
Bootstrap capacitor connection for the switching section 1. It supplies the
high-side gate driver.
24
SKIP
Pulse skipping mode control input.
– If the pin is connected to LDO5 the PWM mode is enabled.
– If the pin is connected to GND, the pulse skip mode is enabled.
– If the pin is connected to VREF the pulse skip mode is enabled but the
switching frequency is kept higher than 33KHz (No-audible puse skip
mode).
25
EN1
Enable input for the switching section 1.
– The section 1 is enabled applying a voltage greater than 2.4V to this pin.
– The section 1 is disabled applying a voltage lower than 0.8V.
When the section is disabled the High Side gate driver goes low and Low
Side gate driver goes high.
26
PGOOD1
Power Good ouput signal for the section 1. This pin is an open drain ouput
and when the ouput of the switching section 1 is out of +/- 10% of its
nominal value.It is pulled down.
27
PGOOD2
Power Good ouput signal for the section 2. This pin is an open drain ouput
and when the ouput of the switching section 2 is out of +/- 10% of its
nominal value.It is pulled down.
28
FB1
Feedback input for the switching section 1. This pin is connected to a
resistive voltage-divider from OUT1 to PGND to adjust the output voltage
from 0.9V to 5.5V.
29
OUT1
Output voltage sense for the switching section 1.This pin must be directly
connected to the output votage of the switching section.
Table 1.
Pin functions (continued)
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com