Electronic Components Datasheet Search
  English  ▼

X  

PM6681ATR Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM6681ATR
Description  Dual step-down controller with adjustable LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681ATR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM6681ATR Datasheet HTML 3Page - STMicroelectronics PM6681ATR Datasheet HTML 4Page - STMicroelectronics PM6681ATR Datasheet HTML 5Page - STMicroelectronics PM6681ATR Datasheet HTML 6Page - STMicroelectronics PM6681ATR Datasheet HTML 7Page - STMicroelectronics PM6681ATR Datasheet HTML 8Page - STMicroelectronics PM6681ATR Datasheet HTML 9Page - STMicroelectronics PM6681ATR Datasheet HTML 10Page - STMicroelectronics PM6681ATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PM6681A
Pin settings
7/12
30
COMP1
DC voltage error compensation pin for the switching section 1.
31
VCC
Device Supply Voltage pin. It supplies all the internal analog circuitry except
the gate drivers (see LDO5). Connect this pin to LDO5.
32
VREF
Internal 1.237V high accuracy voltage reference. It can deliver 50uA.
Bypass to SGND with a 100nF capacitor to reduce noise.
Table 1.
Pin functions (continued)
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com