Electronic Components Datasheet Search
  English  ▼

X  

PM6681ATR Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6681ATR
Description  Dual step-down controller with adjustable LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681ATR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6681ATR Datasheet HTML 4Page - STMicroelectronics PM6681ATR Datasheet HTML 5Page - STMicroelectronics PM6681ATR Datasheet HTML 6Page - STMicroelectronics PM6681ATR Datasheet HTML 7Page - STMicroelectronics PM6681ATR Datasheet HTML 8Page - STMicroelectronics PM6681ATR Datasheet HTML 9Page - STMicroelectronics PM6681ATR Datasheet HTML 10Page - STMicroelectronics PM6681ATR Datasheet HTML 11Page - STMicroelectronics PM6681ATR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PM6681A
Package mechanical data
9/12
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 2.
VFQFPN 5x5x1.0 32L Pitch 0.50
Dim.
Databook (mm)
Min
Typ
Max
A0.8
0.9
1
A1
0
0.02
0.05
A3
0.2
b
0.18
0.25
0.3
D4.85
5
5.15
D2
See exposed pad variations (2)
E4.85
5
5.15
E2
See exposed pad variations (2)
e0.5
L
0.3
0.4
0.5
ddd
0.05
Table 3.
Exposed pad variations
(1)(2)D2
1.
VFQFPN stands for Thermally Enhanced Very thin Fine pitch Quad Flat Package No lead. Very thin:
A = 1.00mm Max.
2.
Dimensions D2 & E2 are not in accordance with JEDEC.
E2
Min
Typ
Max
Min
Typ
Max
2.90
3.10
3.20
2.90
3.10
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com