Electronic Components Datasheet Search
  English  ▼

X  

BT481 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # BT481
Description  110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT481 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button BT481 Datasheet HTML 26Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 27Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 28Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 29Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 30Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 31Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 32Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 33Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Bt481A
110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
Brooktree®
24
PC BOARD LAYOUT CONSIDERATIONS
L481A_C
Figure 9. Typical Connection Diagram and Parts List (External Voltage Reference)
Note: Each pair of device VAA and GND pins must be separately decoupled.
OPA
P
VAA
To Monitor
DAC
Output
GND
R3
R2
R1
RSET
GND
+5 V (VCC)
IOB
IOG
VAA
Bt481A
Analog Power Plane
C6
+
C1
Ground
P
P
P
To
Video
Connector
1N4148/9
1N4148/9
IOR
IREF
C4
C2–C3
L1 (optional)
VREF
COMP
R4
Z1
C5
Location
Description
Vendor Part Number
C1–C5
0.1
µF Ceramic Capacitor
Erie RPE112Z5U104M50V
C6
10
µF Capacitor
Mallory CSR13G106KM
L1
Ferrite Bead
Fair-Rite 2743021447
R1, R2, R3
75
Ω 1% Metal Film Resistor
Dale CMF-55C
R4
1 k
Ω 5% Resistor
RSET
1% Metal Film Resistor
Dale CMF-55C
Z1
1.2 V Voltage Reference
National Semiconductor LM385BZ-1.2
Note: The vendor numbers above are listed only as a guide. Substitution of devices with similar characteristics will not
affect the performance of the Bt481A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com