Electronic Components Datasheet Search
  English  ▼

X  

BT481 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # BT481
Description  110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT481 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button BT481 Datasheet HTML 9Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 10Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 11Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 12Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 13Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 14Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 15Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 16Page - List of Unclassifed Manufacturers BT481 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Brooktree®
7
FUNCTIONAL DESCRIPTION
MPU Interface
L481A_C
Bt481A
110 MHz 256-Word Clor Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
15, 16, and 24/32
Bits-per-Pixel Operation
When the 15, 16, or 24/32 bits-per-pixel modes are activated (see Command Reg-
ister A in the Internal Registers section), the inputs accept 16, 24, or 32 bits of pixel
information from the 8-pin pixel port P[7:0]. The 8-bit inputs form a 16- or 24-bit
pixel (B15–0/B23–B0) to directly drive the 8-bit triple video DACs. The color
lookup table and the read mask register are bypassed. Internally, the unused LSBs
of all DACs are forced to zero in 15 or 16 bits-per-pixel modes. The 16- and 24-bit
word (B15–0/B23–B0) is assigned to the DACs according to Table 4.
15, 16, and 24
Bits-per-Pixel
Dual-Edge Clock
In the 15 and 16 bits-per-pixel dual-edge clock mode (see the Command Register
A, bits A[7:4] description in the Internal Registers section), the least significant
byte is latched on the rising edge of the pixel clock when BLANK* high is latched.
Also in this mode, the most significant byte is latched on the falling edge of the
pixel clock when BLANK* high is latched. Therefore, only one input clock period
is required to load a 16-bit pixel.
In the 32 bits-per-pixel dual-edge clock mode, 32 bits of data, 24 bits of
true-color and 8 bits of palette index are latched on two rising and two falling edg-
es. Therefore, only two input clock cycles are required to load a 32-bit pixel. If pal-
ette indexing is not required, logical zeros can be written for the palette overlay
data, as location zero in the palette RAM cannot be accessed in this mode. Or pal-
ette overlay data can be masked out through the pixel read mask register. If the pal-
ette index data is not a logical zero or masked, the data will address any one of 255
locations in the palette RAM. Palette data has priority over bypass data.
Table 4. Word Assignments to DACs
8:8:8:8
True Color
Format RGB
8:8:8:8
True Color
Format BGR
5:6:5
XGA Format
5:5:5
TARGA
Format
Comments
B15
Ignored
B7–B0
B23–B16
B15–B11
B14–B10
Red DAC
B15–B8
B15–B8
B10–B5
B9–B5
Green DAC
B23–B16
B7–B0
B4–B0
B4–B0
Blue DAC
B31–B24
B31–B24
Palette or
Masked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com