Electronic Components Datasheet Search
  English  ▼

X  

PQ112 Datasheet(PDF) 30 Page - Pico Technology Ltd.

Part # PQ112
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ112 Datasheet(HTML) 30 Page - Pico Technology Ltd.

Back Button PQ112 Datasheet HTML 26Page - Pico Technology Ltd. PQ112 Datasheet HTML 27Page - Pico Technology Ltd. PQ112 Datasheet HTML 28Page - Pico Technology Ltd. PQ112 Datasheet HTML 29Page - Pico Technology Ltd. PQ112 Datasheet HTML 30Page - Pico Technology Ltd. PQ112 Datasheet HTML 31Page - Pico Technology Ltd. PQ112 Datasheet HTML 32Page - Pico Technology Ltd. PQ112 Datasheet HTML 33Page - Pico Technology Ltd. PQ112 Datasheet HTML 34Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
AM to PM conversion utility
AM to PM conversion is a form of signal distortion where changes in the amplitude of a
signal produce corresponding changes in the phase of the signal. This type of distortion
can have serious impact in digital modulation schemes for which amplitude varies and
phase accuracy is important.
P1dB utility
The 1 dB gain compression point of amplifiers and other active devices can be
measured using a power sweep, either at a test frequency or over a sweep of test
frequencies. The VNA determines the small-signal gain of the amplifier at low input
power, and then increases the power and notes the point at which the gain has fallen
by 1 dB. This utility uses a second-order curve fit to determine interpolated 1 dB
compression points.
Phase meter utility (PicoVNA 108 only)
The phase meter adds a valuable phase and amplitude alignment and stability
measurement capability to the PicoVNA 108. The two ports become auto-lock receivers
at any user-specified frequency within the 300 kHz to 8.5 GHz tuning range of the VNA.
The receivers will lock to externally applied signals within approximately ±70 kHz of the
set frequency and begin to measure and cross-refer phase and amplitude of the two
signals as numerical readouts.
Calibration and normalization facilities are provided, allowing, for example, precise
alignment of a quadrature-phase relationship or determination of differential phase and
amplitude balance or stability.
The IF bandwidth setting determines displayed result resolution, update rate and also
measurement noise at any given signal level. At IFB of 10 Hz, resolution is 0.001°
and 0.001 dB and update rate around 4 readings per second. Amplitude and phase
accuracies match those of standard VNA transmission measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com