Electronic Components Datasheet Search
  English  ▼

X  

PQ112 Datasheet(PDF) 36 Page - Pico Technology Ltd.

Part # PQ112
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ112 Datasheet(HTML) 36 Page - Pico Technology Ltd.

Back Button PQ112 Datasheet HTML 32Page - Pico Technology Ltd. PQ112 Datasheet HTML 33Page - Pico Technology Ltd. PQ112 Datasheet HTML 34Page - Pico Technology Ltd. PQ112 Datasheet HTML 35Page - Pico Technology Ltd. PQ112 Datasheet HTML 36Page - Pico Technology Ltd. PQ112 Datasheet HTML 37Page - Pico Technology Ltd. PQ112 Datasheet HTML 38Page - Pico Technology Ltd. PQ112 Datasheet HTML 39Page - Pico Technology Ltd. PQ112 Datasheet HTML 40Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Measurement uncertainty
SMA test port interfaces
Reflection
Transmission
Freq. range Level range
Mag. / phase
Level range
Mag. / phase
< 2 MHz
–15 dBm
to 0 dBm
0.99 dB / 11.3°
0 dB to
+6 dBm[6]
+10 dBm[8]
0.57 dB / 8.5°
> 2 MHz
0.71 dB / 5.7°
0.28 dB / 2.8°
< 2 MHz
–25 dBm
to –15 dBm
1.13 dB / 8.5° –40 dBm to
0 dBm
0.42 dB / 2.8°
> 2 MHz
1.41 dB / 14.1°
0.14 dB / 1.4°
< 2 MHz
–30 dBm
to –25 dBm
4.24 dB / 28.3° –60 dBm to
–40 dBm
0.71 dB / 11.3°
> 2 MHz
3.54 dB / 21.2°
0.42 dB / 5.7°
< 2 MHz
–80 dBm to
–60 dBm
2.83 dB / 21.2°
> 2 MHz
2.12 dB / 17.0°
Test level of –3 dBm. No averaging. Bandwidth 10 Hz.
Ambient temperature equal to the calibration temperature.
A 12 error term calibration is assumed carried out with
a good-quality SMA or PC3.5 calibration kit capable of
achieving the performance specified.
These values are supplied with our Check Standard on USB
memory stick as uncertainty data file:
“Instrument Uncertainty with Pico Standard SMA leads 106.dat”
or:
“Instrument Uncertainty with Pico Standard SMA leads 108.dat”
Uncertainty files are installed with the software.
[6]
PicoVNA 106 [8] PicoVNA 108
Spurious responses
–76 dBc typical, –70 dBc max.
The main spurious response occurs close to (2 x RF + 1.3) MHz
or (3 x RF + 2.6), where RF is the test frequency in MHz.
For example, when testing a bandpass filter with a centre
frequency of 1900 MHz, an unwanted response will occur
around 632.47 MHz or 949.35 MHz. In all known cases the
levels will be as stated.
Test port characteristics
Load match
Corrected:
40 dB min. corrected, 46 dB, typ.
U
ncorrected:
16 dB (PicoVNA 106) or 15 dB (PicoVNA 108), typ.
Source match
Corrected:
40 dB min. corrected, 46 dB, typ.
Uncorrected:
16 dB (PicoVNA 106) or 15 dB (PicoVNA 108), typ.
Directivity
40 dB min. corrected, 47 dB, typ. corrected
Crosstalk
PicoVNA 106
PicoVNA 108
Corrected.
Both calibrated ports terminated in short circuits.
After isolation calibration.
Band (MHz)
Typ. (dB) Max. (dB) Band (MHz) Typ. (dB) Max. (dB)
< 2
–100
–90
2 to 4000
–110
–90
4000 to 6000 –100
–90
< 1
–100
–90
2 to 6000
–110
–90
6000 to 8500 –100
–90
Maximum input level
+10 dBm, typ.
0.1 dB compression
Maximum input level
+20 dBm
+23 dBm
No damage
Impedance
50 Ω
Connectors
Type N, female
Bias-T input characteristics
Maximum current and DC voltage
250 mA, ±15 V
Current protection
Built-in resettable fuse
DC port connectors
SMB(m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com