Electronic Components Datasheet Search
  English  ▼

X  

PQ112 Datasheet(PDF) 35 Page - Pico Technology Ltd.

Part # PQ112
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ112 Datasheet(HTML) 35 Page - Pico Technology Ltd.

Back Button PQ112 Datasheet HTML 31Page - Pico Technology Ltd. PQ112 Datasheet HTML 32Page - Pico Technology Ltd. PQ112 Datasheet HTML 33Page - Pico Technology Ltd. PQ112 Datasheet HTML 34Page - Pico Technology Ltd. PQ112 Datasheet HTML 35Page - Pico Technology Ltd. PQ112 Datasheet HTML 36Page - Pico Technology Ltd. PQ112 Datasheet HTML 37Page - Pico Technology Ltd. PQ112 Datasheet HTML 38Page - Pico Technology Ltd. PQ112 Datasheet HTML 39Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Dynamic range 0.3 MHz to 10 MHz (PicoVNA 108)
Dynamic range 10 MHz to 8.5 GHz (PicoVNA 108)
Temperature stability, typical
0.02 dB/°C for F < 4 GHz
0.04 dB/°C for F ≥ 4 GHz
Measured after an S
21 calibration
Trace noise (RMS)
Bandwidth (kHz) Typical (dB)
Max. (dB)
201-point sweep covering 1 MHz to 6 GHz or 8.5 GHz.
Test power set to 0 dBm.
10
0.0008
0.002
70
0.003
0.005
140
0.005 (6 GHz)/0.006 (8.5 GHz)
0.01
Measurement uncertainty
PC3.5 test port interfaces
Reflection
Transmission
Freq. range Level range
Mag. / phase
Level range
Mag. / phase
< 2 MHz
–15 dBm to
0 dBm
0.7 dB / 8°
0 dBm to
+6 dBm[6]
+10 dBm[8]
0.4 dB / 6°
> 2 MHz
0.5 dB / 4°
0.2 dB / 2°
< 2 MHz
–25 dBm to
–15 dBm
0.8 dB / 6°
–40 dBm to
0 dBm
0.2 dB / 2°
> 2 MHz
1.0 dB / 10°
0.1 dB / 1°
< 2 MHz
–30 dBm to
–25 dBm
3.0 dB / 20°
–60 dBm to
–40 dBm
0.5 dB / 8°
> 2 MHz
2.5 dB / 15° [6]
3.0 dB / 20° [8]
0.3 dB / 4° [6]
0.2 dB / 4° [8]
< 2 MHz
–80 dBm to
–60 dBm
2.0 dB / 15°
> 2 MHz
1.5 dB / 12°
[6]
PicoVNA 106, [8] PicoVNA 108
Test level of –3 dBm. No averaging. Bandwidth 10 Hz.
Ambient temperature equal to the calibration temperature.
A 12 error term calibration is assumed carried out with a
good quality 3.5 mm calibration kit capable of achieving the
performance specified.
These values are supplied with our Check Standard on USB
memory stick as uncertainty data file:
“Instrument Uncertainty with Premium PC3.5 leads 106.dat”
or:
“Instrument Uncertainty with Premium PC3.5 leads 108.dat”
PicoVNA 3: Uncertainty files are installed with the software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com