Electronic Components Datasheet Search
  English  ▼

X  

CM3 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # CM3
Description  Current data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

CM3 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  CM3 Datasheet HTML 1Page - Pico Technology Ltd. CM3 Datasheet HTML 2Page - Pico Technology Ltd. CM3 Datasheet HTML 3Page - Pico Technology Ltd. CM3 Datasheet HTML 4Page - Pico Technology Ltd. CM3 Datasheet HTML 5Page - Pico Technology Ltd. CM3 Datasheet HTML 6Page - Pico Technology Ltd. CM3 Datasheet HTML 7Page - Pico Technology Ltd. CM3 Datasheet HTML 8Page - Pico Technology Ltd. CM3 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PicoLog® CM3 current data logger
PicoLog CM3 Current monitoring data logger
The PicoLog CM3 USB/Ethernet Current Data
Logger is a compact, easy-to-use instrument for
measuring the current consumption of buildings
and machinery. With three channels, high
accuracy and low noise, it is ideal for recording
data from both single-phase and three-phase
AC supplies. The logger is supplied on its own
or as a kit with three AC current clamps and the
PicoLog software is free to download. The USB
and Ethernet interfaces allow the logger to be
used as a USB-only device, as a USB-powered
device with Ethernet interface, or as a Power-
over-Ethernet (PoE) device. Using the Ethernet interface, the PicoLog CM3 can be
located anywhere on a LAN or on the internet.
Non-invasive current clamps
The CM3 measures current using industry-standard
AC current clamps. These clamps have opening jaws
to encircle a conductor in seconds with no direct
connection to high voltages. AC current clamps require
no power supply or batteries making them ideal for long-
term energy-use monitoring and logging.
If you need to measure higher currents we will be happy
to advise on suitable clamps for your application.
The CM3 is available on its own (and you can add your own current clamps) or as an
optional cost-saving kit with three TA138 200 A AC current clamps included.
Flexible, expandable software included
PicoLog is a complete data acquisition software package for the PicoLog CM3 current
data logger. It provides a visual, easy-to-use interface to help you quickly set up simple
or complex acquisitions, record, view and analyze data.
•
Real-time data collection and display
•
Visual logger and channel setup for
easy configuration and viewing
•
Available for Windows, macOS and
Linux
•
Virtually unlimited logging capacity
to PC
•
Robust database format minimizes
data loss and corruption
•
Simple and complex programmable
alarms
•
Up to 4 independent graph axes
•
Data can be exported as CSV,
clipboard image and PDF
•
Supports multiple different PicoLog
data loggers on the same PC
USB or Ethernet connection for local or remote logging
With both USB and Ethernet interfaces your PicoLog CM3 can be used in a variety of
situations. If you need a portable instrument that can be used at various locations and
is fast to set up and use, simply connect your laptop to the PicoLog CM3 by USB. No
external power supply is required as the CM3 is powered from the USB port.
Need to monitor a situation over a period of hours or days, or from a remote location?
Plug your PicoLog CM3 into a spare port on your network and then access it remotely
either from your LAN or over the internet. When using Ethernet the CM3 can be
powered either by Power over Ethernet (PoE) or by using the USB connection just for
power.
4 mm sockets for up to three
current clamps
Power / status LED
Ethernet link LED
Ethernet port
USB port
Ethernet data LED



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com