Electronic Components Datasheet Search
  English  ▼

X  

CM3 Datasheet(PDF) 6 Page - Pico Technology Ltd.

Part # CM3
Description  Current data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

CM3 Datasheet(HTML) 6 Page - Pico Technology Ltd.

  CM3 Datasheet HTML 1Page - Pico Technology Ltd. CM3 Datasheet HTML 2Page - Pico Technology Ltd. CM3 Datasheet HTML 3Page - Pico Technology Ltd. CM3 Datasheet HTML 4Page - Pico Technology Ltd. CM3 Datasheet HTML 5Page - Pico Technology Ltd. CM3 Datasheet HTML 6Page - Pico Technology Ltd. CM3 Datasheet HTML 7Page - Pico Technology Ltd. CM3 Datasheet HTML 8Page - Pico Technology Ltd. CM3 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PicoLog® CM3 current data logger
Math channels
Sometimes you need to use data from one or
more measurement channels to graph and
record a calculated parameter. You can use
the PicoLog equation editor to set up simple
math channels such as A–B or more complex
functions such as log, sqrt, abs, round, min,
max, mean and median.
PicoLog treats math channels like any other channel, so you can still set alarms and
annotate them.
Alarms
In PicoLog, you can set up alarms to
alert you to various events. These can
be as simple or as complex as you like:
alarms can trigger on a signal threshold
or disconnection of the data logger, or you
can set up a logic expression of your own.
Alarms can play sounds, display visual
alerts, run applications or mark when the
event occurred on the graph.
Intuitive logger and channel setup
The Devices view lets you set up a multichannel acquisition
system in a simple way, with the option to use up to 20
different Pico data loggers simultaneously. PicoLog shows
you an image of each connected device, so you can quickly
and easily enable or disable channels and set up their
properties.
On the right, you can see the device setup for current data
logging on three channels.
Robust file format
At the heart of PicoLog is the file system, which stores live capture data directly to a
robust database, rather than to a single file that is vulnerable to corruption and data loss.
If the computer is shut down and rebooted, PicoLog will only lose the data during the
outage – and will continue saving data when you restart the software.
This file system also means that the size of the dataset you can capture you is virtually
unlimited – the only restriction is the size of your computer’s hard disk!
The .picolog file format is compatible across all operating systems, and there is no
need to set up a file to save to before the capture is complete. You can also save mid-
capture if you wish to share the data collected so far. Since anyone can download and
install PicoLog for free, you can easily share saved data with co-workers, customers and
suppliers for offline post-analysis.
Data can be exported as CSV. In addition, you can export a PDF containing a graph,
channel configuration, capture notes, annotation notes and alarm trigger history.
PicoSDK®
Pico’s software development kit, PicoSDK, is available free of charge and allows you to
write your own software and interface to third-party software packages.
Pico also maintains repositories of example code on GitHub (github.com/picotech),
showing how to use PicoSDK with software packages such as Microsoft Excel and
National Instruments LabVIEW, or with programming languages including C, C++, C# and
Visual Basic .NET.
PicoSDK and the PicoLog CM3 Programmer’s Guide are available to download from
www.picotech.com/downloads.
Try the PicoLog software today!
PicoLog’s built-in demo mode allows you to try out the full functionality of the
software with a choice of virtual devices and simulated live data. You also can
use PicoLog to view previously saved data, even with no device connected. Visit
www.picotech.com/downloads and select PicoLog Data Loggers to get your copy.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com