Electronic Components Datasheet Search
  English  ▼

X  

CM3 Datasheet(PDF) 8 Page - Pico Technology Ltd.

Part # CM3
Description  Current data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

CM3 Datasheet(HTML) 8 Page - Pico Technology Ltd.

  CM3 Datasheet HTML 1Page - Pico Technology Ltd. CM3 Datasheet HTML 2Page - Pico Technology Ltd. CM3 Datasheet HTML 3Page - Pico Technology Ltd. CM3 Datasheet HTML 4Page - Pico Technology Ltd. CM3 Datasheet HTML 5Page - Pico Technology Ltd. CM3 Datasheet HTML 6Page - Pico Technology Ltd. CM3 Datasheet HTML 7Page - Pico Technology Ltd. CM3 Datasheet HTML 8Page - Pico Technology Ltd. CM3 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PicoLog® CM3 current data logger
Specifications - TA138 current clamp
The TA138 current clamps supplied optionally with the PicoLog CM3 can also be connected to other brands of oscilloscopes and multimeters.
Overvoltage protection
600 V CAT II
300 V CAT III
Range (1 mV/A)
0.1 A to 200 A AC RMS
Accuracy
±2% of reading, ±0.5 A
Maximum output impedance
1 kΩ
Bandwidth
40 to 400 Hz
Maximum conductor size
16 mm
Operating environment
0 °C to 50 °C
Storage environment
−30 °C to +60 °C
Dimensions (W x L x D)
111 x 50 x 33 mm
(approx 4.3 x 1.9 x 1.3 in)
Weight
129 g (approx 4.5 oz)
Standards
EN 61010-1:2010
EN 61010-2-032:2012
For full information on current clamp specifications, characteristics and prices, go to: www.picotech.com/accessories/current-probes-clamps



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com