Electronic Components Datasheet Search
  English  ▼

X  

PP877 Datasheet(PDF) 9 Page - Pico Technology Ltd.

Part # PP877
Description  Crystal-clear waveform analysis
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP877 Datasheet(HTML) 9 Page - Pico Technology Ltd.

Back Button PP877 Datasheet HTML 5Page - Pico Technology Ltd. PP877 Datasheet HTML 6Page - Pico Technology Ltd. PP877 Datasheet HTML 7Page - Pico Technology Ltd. PP877 Datasheet HTML 8Page - Pico Technology Ltd. PP877 Datasheet HTML 9Page - Pico Technology Ltd. PP877 Datasheet HTML 10Page - Pico Technology Ltd. PP877 Datasheet HTML 11Page - Pico Technology Ltd. PP877 Datasheet HTML 12Page - Pico Technology Ltd. PP877 Datasheet HTML 13Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PicoScope® 4000A Series
High-end features as standard
Buying a PicoScope is not like making a purchase from other oscilloscope companies, where optional extras considerably increase the price. With our scopes, high-end features
such as resolution enhancement, mask limit testing, serial decoding, advanced triggering, automatic measurements, math channels, XY mode, segmented memory, and a signal
generator are all included in the price.
To protect your investment, both the PC software and firmware inside the scope can be updated. Pico Technology has a long history of providing new features for free through
software downloads. We deliver on our promises of future enhancements year after year, unlike many other companies in the field. Users of our products reward us by becoming
lifelong customers and frequently recommending us to their colleagues.
USB connectivity
The SuperSpeed USB 3.0 connection not only allows high-speed data acquisition and transfer, but
also makes printing, copying, saving, and emailing your data from the field quick and easy. USB
powering removes the need to carry around a bulky external power supply, making the kit even
more portable for the engineer on the move.
The Software Development Kit (SDK) allows unlimited data collection and fast streaming.
High signal integrity
Careful front-end design and shielding reduce noise, crosstalk and harmonic distortion, meaning we are proud
to publish the specifications for our scopes in detail. Decades of oscilloscope design experience can be seen in
improved pulse response and bandwidth flatness, and low distortion. The scope features 12 input ranges from
±10 mV to ±50 V full scale and a huge spurious free dynamic range of up to 70 dB. The result is simple: when you
probe a circuit, you can trust in the waveform you see on the screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com