Electronic Components Datasheet Search
  English  ▼

X  

PP877 Datasheet(PDF) 10 Page - Pico Technology Ltd.

Part # PP877
Description  Crystal-clear waveform analysis
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP877 Datasheet(HTML) 10 Page - Pico Technology Ltd.

Back Button PP877 Datasheet HTML 6Page - Pico Technology Ltd. PP877 Datasheet HTML 7Page - Pico Technology Ltd. PP877 Datasheet HTML 8Page - Pico Technology Ltd. PP877 Datasheet HTML 9Page - Pico Technology Ltd. PP877 Datasheet HTML 10Page - Pico Technology Ltd. PP877 Datasheet HTML 11Page - Pico Technology Ltd. PP877 Datasheet HTML 12Page - Pico Technology Ltd. PP877 Datasheet HTML 13Page - Pico Technology Ltd. PP877 Datasheet HTML 14Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PicoScope® 4000A Series
Digital triggering
Most digital oscilloscopes still use an analog trigger architecture based on comparators.
This can cause time and amplitude errors that cannot always be calibrated out. The use of
comparators often limits the trigger sensitivity at high bandwidths and can also create a
long trigger rearm delay.
In 1991 Pico set an innovation milestone by pioneering the use of full digital triggering
using the actual digitized data. This reduces trigger errors and allows our oscilloscopes
to trigger on the smallest signals, even at the full bandwidth. All real-time triggering is
digital, resulting in high threshold resolution with programmable hysteresis and optimal
waveform stability.
The reduced rearm delay provided by digital triggering, together with segmented memory,
allows the capture of events that happen in rapid sequence. At the fastest timebase, rapid
triggering can capture a new waveform every 3 microseconds until the buffer is full.
Advanced triggers
As well as the standard range of triggers found on most oscilloscopes, the
PicoScope 4000A Series has a comprehensive set of advanced triggers built in to help
you capture the data you need. These include pulse width, windowed, and dropout triggers
to help you find and capture your signal quickly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com