Electronic Components Datasheet Search
  English  ▼

X  

PP877 Datasheet(PDF) 16 Page - Pico Technology Ltd.

Part # PP877
Description  Crystal-clear waveform analysis
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP877 Datasheet(HTML) 16 Page - Pico Technology Ltd.

Back Button PP877 Datasheet HTML 12Page - Pico Technology Ltd. PP877 Datasheet HTML 13Page - Pico Technology Ltd. PP877 Datasheet HTML 14Page - Pico Technology Ltd. PP877 Datasheet HTML 15Page - Pico Technology Ltd. PP877 Datasheet HTML 16Page - Pico Technology Ltd. PP877 Datasheet HTML 17Page - Pico Technology Ltd. PP877 Datasheet HTML 18Page - Pico Technology Ltd. PP877 Datasheet HTML 19Page - Pico Technology Ltd. PP877 Datasheet HTML 20Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
PicoScope® 4000A Series
PicoScope 4000A Series specifications
PicoScope 4224A
PicoScope 4424A
PicoScope 4824A
Vertical
Input channels
2
4
8
Connector type
BNC
Bandwidth (−3 dB)
20 MHz (50 mV to 50 V ranges)
10 MHz (10 mV and 20 mV ranges)
Rise time (calculated)
17.5 ns (50 mV to 50 V ranges)
35.0 ns (10 mV and 20 mV ranges)
Vertical resolution
12 bits
Software-enhanced vertical resolution
Up to 16 bits
Input type
Single-ended
Input ranges
±10 mV to ±50 V full scale, in 12 ranges
Input sensitivity
2 mV/div to 10 V/div (10 vertical divisions)
Input coupling
AC / DC
Maximum input voltage
±50 V DC / 42.4 V pk max AC
Input characteristics
1 MΩ
∥19pF
DC accuracy
±(1% of full scale + 300 µV)
Analog offset range
(vertical position adjustment)
±250 mV (10 mV to 500 mV ranges)
±2.5 V (1 V to 5 V ranges)
±25 V (10 V to 50 V ranges)
Analog offset control accuracy
±1% of offset setting additional to basic DC accuracy
Overvoltage protection
±100 V (DC + AC peak)
Horizontal timebase
Maximum sampling rate (real-time)
80 MS/s (up to four channels in use)
40 MS/s (five or more channels in use)
Maximum sampling rate (USB 3.0 streaming)
20 MS/s using PicoScope 6 software, shared between channels
80 MS/s max. for a single channel using PicoSDK. 160 MS/s total across all channels. (PC-dependent)
Timebase ranges (real-time)
20 ns/div to 5000 s/div
Buffer memory (shared between active channels)
256 MS
Buffer memory (streaming mode)
100 MS in PicoScope software. Up to available PC memory when using PicoSDK
Waveform buffer
10 000 segments (rapid block mode)
10 000 waveforms (PicoScope 6 circular buffer)
Timebase accuracy
±20 ppm (+5 ppm/year)
Sampling jitter
25 ps RMS typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com