Electronic Components Datasheet Search
  English  ▼

X  

AN540 Datasheet(PDF) 3 Page - Microchip Technology

Part # AN540
Description  Implementing IIR Digital Filters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN540 Datasheet(HTML) 3 Page - Microchip Technology

  AN540 Datasheet HTML 1Page - Microchip Technology AN540 Datasheet HTML 2Page - Microchip Technology AN540 Datasheet HTML 3Page - Microchip Technology AN540 Datasheet HTML 4Page - Microchip Technology AN540 Datasheet HTML 5Page - Microchip Technology AN540 Datasheet HTML 6Page - Microchip Technology AN540 Datasheet HTML 7Page - Microchip Technology AN540 Datasheet HTML 8Page - Microchip Technology AN540 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© 1993 Microchip Technology Inc.
DS00540B-page 3
Implementing IIR Digital Filters
4
FIGURE 3 - SPECTRUM COMPUTED FROM
IMPULSE RESPONSE
FIGURE 4 - LOG MAGNITUDE SPECTRUM
OF IMPULSE RESPONSE
0
100
200
300
400
500
600
0
64
128
192
256
320
384
448
512
Frequency Response
Frequency/512 (KHz)
Frequency Response
Frequency/512 (KHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
64
128
192
256
320
384
448
512
Timing (Cycles)†
#of Filter Stages*775 + 16
Program Memory (locations)† #of Filter Stages*68 + 290
RAM (File Registers)
#of Filter Stages*16+16
Filter Order
Cycles
Real Time
Maximum
Program
RAM
(@ 16 MHz)
Sampling
Memory†
2
791
197.75 uSec
5.05 Khz
358
32
4
1566
391.5 uSec
2.55 Khz
426
48
6
2341
585.25 uSec
1.7 Khz
494
64
8
3116
779.0 uSec
1.28 Khz
562
80
10
3891
972.75 uSec
1.0 Khz
630
96
†: The above numbers do not include the initialization routine.
TABLE 4 - RESOURCE REQUIREMENTS
†: The above numbers do not include the initialization
routine.
PERFORMANCE
The resource requirements for filter implementations
using PIC17C42 is given below. These numbers can be
used to determine whether a higher order filter can be
executed in real time. The same information may be
used to determine the highest sampling rate possible.
FILTER APPLICATIONS
Digital filters find applications in many areas especially
involving processing of real world signals.
In some
applications like ABS systems in an automobile, digital
filtering becomes a must. In this case elimination of
noise (especially glitches and false readings of sensors)
is very critical and thus the requirement of digital signal
processing.
TABLE 3 - RESOURCE REQUIREMENTS
Digital filters are also needed in Process Control where
notch filters and low pass filters are desired because the
signals from sensors are transmitted over long lines,
especially in a very noisy environment. In this case
typically a notch filter (centering 50Hz or 60Hz) is used.
In case of eliminating background noise, a band stop
filter (e.g. 40Hz to 120Hz) is used. The sample code
given in this application note can be used to design a
feedback control system's digital compensator.
For
example, a typical DC Motor's digital compensator (like
dead beat compensator) is of second order and has the
same filter structure as is implemented in this application
note.
Author: Amar Palacherla
Logic Products Division
4-131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com