Electronic Components Datasheet Search
  English  ▼

X  

AN540 Datasheet(PDF) 8 Page - Microchip Technology

Part # AN540
Description  Implementing IIR Digital Filters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN540 Datasheet(HTML) 8 Page - Microchip Technology

Back Button AN540 Datasheet HTML 4Page - Microchip Technology AN540 Datasheet HTML 5Page - Microchip Technology AN540 Datasheet HTML 6Page - Microchip Technology AN540 Datasheet HTML 7Page - Microchip Technology AN540 Datasheet HTML 8Page - Microchip Technology AN540 Datasheet HTML 9Page - Microchip Technology AN540 Datasheet HTML 10Page - Microchip Technology AN540 Datasheet HTML 11Page - Microchip Technology AN540 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DS00540B-page 8
© 1993 Microchip Technology Inc.
Implementing IIR Digital Filters
0001 B000
movlw
0x00
0002 0140
movwf
X
0003 B07F
movlw
0x7f
; set initial Xn = X(0) = 0x7f00
0004 0141
movwf
X+B1
; test for impulse response
;
NextPoint
0005 E022
call
IIR_Filter
0006 A442
tlwt
_LOW,Y
tracePoint
0007 AE43
tablwt
_HIGH,0,Y+B1
0008 0000
nop
0009 2940
clrf
X
; set X(n) = 0 , n <> 0
000A 2941
clrf
X+B1
; for simulating an Impulse
000B C005
goto
NextPoint
;
000C C00C
self
goto
self
;
;*******************************************************************
;
initFilter
;
;
At first read the Filter Co-efficients from Prog. Mem to Data RAM
;
if
LPASS
000D B0C1
movlw
_coeff_lpass
000E 010D
movwf
tblptrl
000F B001
movlw
page
_coeff_lpass
0010 010E
movwf
tblptrh
endif
if
HPASS
movlw
_coeff_hpass
movwf
tblptrl
movlw
page
_coeff_hpass
movwf
tblptrh
endif
if
BPASS
movlw
_coeff_bpass
movwf
tblptrl
movlw
page
_coeff_bpass
movwf
tblptrh
endif
if
BSTOP
movlw
_coeff_bstop
movwf
tblptrl
movlw
page
_coeff_bstop
movwf
tblptrh
endif
;
0011 B02C
movlw
A11
0012 0101
movwf
fsr0
0013 8404
bsf
_fs0
0014 8D04
bcf
_fs1
; auto increment
;
; Read Filter Co-efficients from Program Memory
;
0015 B00A
movlw
NumCoeff
0016 A92C
tablrd
_LOW,_INC,A11
; garbage
NextCoeff
0017 A000
tlrd
_LOW,indf0
0018 AB00
tablrd
_HIGH,_INC,indf0
0019 1700
decfsz
wreg
001A C017
goto
NextCoeff
;
; Initilize “Dn”s to zero
;
001B B020
movlw
Dn1
4-136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com