Electronic Components Datasheet Search
  English  ▼

X  

AN540 Datasheet(PDF) 7 Page - Microchip Technology

Part # AN540
Description  Implementing IIR Digital Filters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN540 Datasheet(HTML) 7 Page - Microchip Technology

Back Button AN540 Datasheet HTML 3Page - Microchip Technology AN540 Datasheet HTML 4Page - Microchip Technology AN540 Datasheet HTML 5Page - Microchip Technology AN540 Datasheet HTML 6Page - Microchip Technology AN540 Datasheet HTML 7Page - Microchip Technology AN540 Datasheet HTML 8Page - Microchip Technology AN540 Datasheet HTML 9Page - Microchip Technology AN540 Datasheet HTML 10Page - Microchip Technology AN540 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 1993 Microchip Technology Inc.
DS00540B-page 7
Implementing IIR Digital Filters
4
;
;
This time is less than 2 Khz (500 uSec),
;
which means real time filtering is possible
;
;*******************************************************************
;*******************************************************************
;
;
CBLOCK
0
0000 0004
B0,B1,B2,B3
ENDC
;*******************************************************************
;
CBLOCK
0x18
0018 0004
DPX,DPX1,DPX2,DPX3
; arithmetic accumulator
001C 0004
AARG,AARG1,BARG,BARG1
; multiply arguments
ENDC
;
CBLOCK
0020 0002
Dn1, Dn1_Hi
0022 0002
Dn1_1, Dn1_1_Hi
0024 0002
Dn1_2, Dn1_2_Hi
0026 0000
0026 0002
Dn2, Dn2_Hi
0028 0002
Dn2_1, Dn2_1_Hi
002A 0002
Dn2_2, Dn2_2_Hi
ENDC
CBLOCK
002C 0002
A11, A11_Hi
002E 0002
A12, A12_Hi
0030 0002
B10, B10_Hi
0032 0002
B11, B11_Hi
; 1st Section Filter Co-efficients
0034 0002
B12, B12_Hi
0036 0000
0036 0002
A21, A21_Hi
0038 0002
A22, A22_Hi
003A 0002
B20, B20_Hi
003C 0002
B21, B21_Hi
; 2nd Section Filter Co-efficients
003E 0002
B22, B22_Hi
ENDC
CBLOCK
0040 0002
X, X1
; 16 bits of input stream
0042 0002
Y, Y1
; 16 bits of filter output
0044 0000
0044 0004
ACC, ACC1, ACC2, ACC3
; 32 bit accumulator for computations
ENDC
;
0002
FltStage
.set
2
000A
NumCoeff
equ
(5*FltStage) ; 5 Co-eff per stage
;
0001
LPASS
.set
TRUE
0000
HPASS
.set
FALSE
0000
BPASS
.set
FALSE
; select the desired filter type
0000
BSTOP
.set
FALSE
;
0001
SIGNED
equ
TRUE
; Set This To ‘TRUE’ for signed multi
;
; and ‘FALSE’ for unsigned.
;
;*******************************************************************
;
Test Program For Low Pass Filter
;*******************************************************************
ORG
0x0000
;
start
0000 E00D
call
initFilter
4-135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com