Electronic Components Datasheet Search
  English  ▼

X  

PMLL4153 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PMLL4153
Description  High-speed diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMLL4153 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PMLL4153 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PMLL4153
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 19 August 2010
4 of 10
NXP Semiconductors
PMLL4153
High-speed diode
Based on square wave currents.
Tj =25 °C prior to surge
Fig 3.
Non-repetitive peak forward current as a function of pulse duration; maximum values
(1) VR = 75 V; maximum values
(2) VR = 75 V; typical values
(3) VR = 20 V; typical values
f=1MHz; Tj =25 °C
Fig 4.
Reverse current as a function of junction
temperature
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
mbg704
10
1
102
IFSM
(A)
10−1
tp (μs)
1104
103
10
102
0
100
Tj (°C)
200
103
102
10−1
10−2
10
(1)
(2)
1
IR
(
μA)
mgd006
(3)
010
20
1.2
1.0
0.6
0.4
0.8
mgd004
VR (V)
Cd
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com