Electronic Components Datasheet Search
  English  ▼

X  

PMLL4153 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMLL4153
Description  High-speed diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMLL4153 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMLL4153 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1.
Product profile
1.1 General description
High-speed switching diode fabricated in planar technology, and encapsulated in a small
hermetically sealed glass SOD80C Surface-Mounted Device (SMD) package.
1.2 Features and benefits
High switching speed: max. 4 ns
General application
Reverse voltage: max. 50 V
Repetitive peak reverse voltage: max. 75 V
Repetitive peak forward current: max. 450 mA
Small hermetically sealed glass SMD package
1.3 Applications
High-speed switching
Military and industrial applications
1.4 Quick reference data
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB).
2.
Pinning information
[1]
The marking band indicates the cathode.
PMLL4153
High-speed diode
Rev. 3 — 19 August 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1] --
200
mA
VR
reverse voltage
-
-
50
V
VF
forward voltage
IF =50mA
740
-
880
mV
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
ka
006aab040
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com