Electronic Components Datasheet Search
  English  ▼

X  

PMLL4153 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PMLL4153
Description  High-speed diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMLL4153 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PMLL4153 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PMLL4153
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 19 August 2010
6 of 10
NXP Semiconductors
PMLL4153
High-speed diode
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
11. Soldering
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
2500
10000
PMLL4153
SOD80C
4 mm pitch, 8 mm tape and reel
-115
-135
Fig 9.
Reflow soldering footprint SOD80C
Fig 10. Wave soldering footprint SOD80C
sod080c
2.30
4.30
4.55
1.60
1.70
2.25
0.90
(2x)
solder lands
solder resist
occupied area
solder paste
Dimensions in mm
sod080c
2.70
4.90
6.30
1.70
2.90
1.90
solder lands
tracks
solder resist
occupied area
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com