Electronic Components Datasheet Search
  English  ▼

X  

BLT50 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLT50
Description  UHF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT50 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLT50 Datasheet HTML 2Page - NXP Semiconductors BLT50 Datasheet HTML 3Page - NXP Semiconductors BLT50 Datasheet HTML 4Page - NXP Semiconductors BLT50 Datasheet HTML 5Page - NXP Semiconductors BLT50 Datasheet HTML 6Page - NXP Semiconductors BLT50 Datasheet HTML 7Page - NXP Semiconductors BLT50 Datasheet HTML 8Page - NXP Semiconductors BLT50 Datasheet HTML 9Page - NXP Semiconductors BLT50 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
April 1991
8
Philips Semiconductors
Product specification
UHF power transistor
BLT50
Fig.8
Input impedance (series components) as a
function of frequency, typical values.
Class-B operation; VCE = 7.5 V; PL = 1.2 W.
handbook, halfpage
350
450
Zi
(
Ω)
xi
ri
550
650
4
3
1
0
2
MEA221
f (MHz)
Fig.9
Load impedance (series components) as a
function of frequency, typical values.
Class-B operation; VCE = 7.5 V; PL = 1.2 W.
handbook, halfpage
350
450
550
XL
RL
ZL
(
Ω)
650
20
15
5
0
10
MEA222
f (MHz)
Fig.10 Definition of transistor impedance.
handbook, halfpage
MBA451
Zi
ZL
Fig.11 Power gain as a function of frequency,
typical values.
Class-B operation; VCE = 7.5 V; PL = 1.2 W.
handbook, halfpage
350
450
550
Gp
(dB)
650
16
12
4
0
8
MEA223
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com