Electronic Components Datasheet Search
  English  ▼

X  

BLT50 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLT50
Description  UHF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT50 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLT50 Datasheet HTML 1Page - NXP Semiconductors BLT50 Datasheet HTML 2Page - NXP Semiconductors BLT50 Datasheet HTML 3Page - NXP Semiconductors BLT50 Datasheet HTML 4Page - NXP Semiconductors BLT50 Datasheet HTML 5Page - NXP Semiconductors BLT50 Datasheet HTML 6Page - NXP Semiconductors BLT50 Datasheet HTML 7Page - NXP Semiconductors BLT50 Datasheet HTML 8Page - NXP Semiconductors BLT50 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
April 1991
3
Philips Semiconductors
Product specification
UHF power transistor
BLT50
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts = temperature at soldering point of collector tab.
THERMAL RESISTANCE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
10
V
VEBO
emitter-base voltage
open collector
−
3V
IC, IC(AV)
collector current
DC or average value
−
500
mA
ICM
collector current
peak value
f
> 1 MHz
−
1.5
A
Ptot
total power dissipation
f
> 1 MHz;
Ts = 103 °C
(note 1)
−
2W
Tstg
storage temperature range
−65
150
°C
Tj
operating junction temperature
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-s(DC)
from junction to soldering point
Ptot = 2 W; Ts = 103 °C
36
K/W
Fig.2 DC SOAR.
Ts = 103 °C.
handbook, halfpage
102
MEA217
10
VCE (V)
IC
(A)
1
0.1
1
0.5
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com