Electronic Components Datasheet Search
  English  ▼

X  

BLT50 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLT50
Description  UHF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT50 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLT50 Datasheet HTML 1Page - NXP Semiconductors BLT50 Datasheet HTML 2Page - NXP Semiconductors BLT50 Datasheet HTML 3Page - NXP Semiconductors BLT50 Datasheet HTML 4Page - NXP Semiconductors BLT50 Datasheet HTML 5Page - NXP Semiconductors BLT50 Datasheet HTML 6Page - NXP Semiconductors BLT50 Datasheet HTML 7Page - NXP Semiconductors BLT50 Datasheet HTML 8Page - NXP Semiconductors BLT50 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
April 1991
2
Philips Semiconductors
Product specification
UHF power transistor
BLT50
FEATURES
• SMD encapsulation
• Gold metallization ensures
excellent reliability.
DESCRIPTION
NPN silicon planar epitaxial transistor
encapsulated in a SOT223 surface
mounted envelope and designed
primarily for use in hand-held radio
equipment in the 470 MHz
communications band.
PINNING - SOT223
PIN
DESCRIPTION
1
emitter
2
base
3
emitter
4
collector
QUICK REFERENCE DATA
RF performance at Ts ≤ 60 °C in a common emitter class-B test circuit
(note 1).
Note
1. Ts = temperature at soldering point of collector tab.
PIN CONFIGURATION
MODE OF OPERATION
f (MHz) VCE (V)
PL (W)
Gp (dB)
ηc (%)
c.w. narrow band
470
7.5
1.2
> 10
> 55
handbook, halfpage
e
c
b
MBB012
Fig.1 Simplified outline and symbol.
age
4
123
MSB002 - 1
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com