Electronic Components Datasheet Search
  English  ▼

X  

MF604F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MF604F
Description  Micro filter for South Africa
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MF604F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MF604F Datasheet HTML 2Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 3Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 4Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 5Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 6Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 7Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 8Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 9Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Product Specification
MF604F
Data sheet subject to change without notice
RDPS-MF050(R0)08/27/2002
SHEET 6 OF 12
Electrical requirements
Splitter parameter
Range
values
Insertion loss
1KHz
<=1.0 dB
Attenuation distortion
200Hz<f<3.4KHz
<=
±1.0 dB
Port
Splitter parameter
Range
values
Modem
Line
Phone
Voice-band characteristic
for single filter
Insertion loss
1 kHz
<1.0 dB
Z
ADSL
Z
R / 600
Z
R / 600
Attenuation distortion
200Hz – 4kHz
<1.0 dB
Z
ADSL
Z
R / 600
Z
R / 600
300Hz – 3.4kHz
>12 dB
Z
ADSL
Z
R / Zsl
Z
R / Zsl
Return loss at the
Line / POTS port
3.4kHz – 4kHz
>8 dB
Z
ADSL
Z
R / Zsl
Z
R / Zsl
Voice-band characteristic
for four filters
Insertion loss
1 kHz
<1.0 dB
Z
ADSL
Z
R / 600
Z
R / 600
Attenuation distortion
200Hz – 4kHz
<1.0 dB
Z
ADSL
Z
R / 600
Z
R / 600
300Hz – 3.4kHz
>12 dB
Z
ADSL
Z
R / Zsl
Z
R / Zsl
Return loss at the
Line / POTS port
3.4kHz – 4kHz
>8 dB
Z
ADSL
Z
R / Zsl
Z
R / Zsl
Line side impedance of
the filter at ADSL freq.
32kHz – 1100kHz
<1 k
Ω
---
---
Z
RHF
Electrical requirements
Splitter parameter
Range
values
Longitudinal conversion loss LCL
25K, 50K, 100 K, 200K ,1100K
>=40 dB
ADSL band characteristic
Stop band attenuation
32KHz< f <1100KHz
>=55 dB
NOTE :
Z
RHF : 120 ohm + [ ( 150 ohm // 47nf ) + ( 750 ohms // 150nf ) ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com