Electronic Components Datasheet Search
  English  ▼

X  

MF604F Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MF604F
Description  Micro filter for South Africa
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MF604F Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MF604F Datasheet HTML 4Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 5Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 6Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 7Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 8Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 9Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 10Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 11Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Product Specification
MF604F
Data sheet subject to change without notice
RDPS-MF050(R0)08/27/2002
SHEET 8 OF 12
4.5.
Test method :
4.5.1. Insertion loss test setup :
The insertion loss of a device connected into a given transmission system is defined as the
ratio, expressed in dB, of the load power available(before and after insertion ) delivered to
the output network beyond the point of insertion at a given frequency. In general , the
insertion loss of a device inserted in a given transmission system is mainly caused by
internal component resistive loss while all of the impedance between source , load and
device interface having been matched. To perform the insertion loss measurement ,thru
calibration must be done prior the testing . General Insertion loss equation can be
expressed as following. Insertion loss = 20 log
V2 / V1 dB where
V1 = the measured voltage value of load without LPF in circuit.
V2 = the measured voltage value of load with LPF in circuit.
The test setup is shown in drawing below :
Note : Z
R = 270 ohm + ( 750 ohm // 150nf )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com