Electronic Components Datasheet Search
  English  ▼

X  

MF604F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MF604F
Description  Micro filter for South Africa
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MF604F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MF604F Datasheet HTML 3Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 4Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 5Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 6Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 7Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 8Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 9Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 10Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Product Specification
MF604F
Data sheet subject to change without notice
RDPS-MF050(R0)08/27/2002
SHEET 7 OF 12
4.3.
DC characteristic :
All requirement of this specification can be met in the presence of all POTS loop currents
from 0mA to 125mA. This in line filter can pass POTS tip-to-ring dc voltages of 0V to 78V
and ringing signals of 35Vrms to 75Vrms at any frequency from17Hz and25Hz with a dc
component in the range from 0V to 78V. The dc resistance from tip-to-ring at the line port
interface with the phone interface shorted, shall be less than or equal to 25 ohms. The DC
resistance from tip-to-ground and from ring-to-ground at the POTS interface with the U-R
interface open shall be greater than or equal to 5 Megohms. The ground point shall be local
building or green wire ground. As an objective , the dc resistance should exceed 25M
Ω.
4.4. Z
ADSL Definition:
To facilitate testing of the In-Line Filter independently of the actual modem or specific
vendor, Z
ADSL, is defined to allow proper termination of the ADSL port during voice band
testing. The Z
ADSL is valid only for voice band frequency. The combination of capacitors in
the Z
ADSL is only representative. The input shall be 27nF however derived. ZADSL equivalent
circuit is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com