Electronic Components Datasheet Search
  English  ▼

X  

ICS8543I Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS8543I
Description  Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8543I Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS8543I Datasheet HTML 1Page - Renesas Technology Corp ICS8543I Datasheet HTML 2Page - Renesas Technology Corp ICS8543I Datasheet HTML 3Page - Renesas Technology Corp ICS8543I Datasheet HTML 4Page - Renesas Technology Corp ICS8543I Datasheet HTML 5Page - Renesas Technology Corp ICS8543I Datasheet HTML 6Page - Renesas Technology Corp ICS8543I Datasheet HTML 7Page - Renesas Technology Corp ICS8543I Datasheet HTML 8Page - Renesas Technology Corp ICS8543I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ICS8543BGI REVISION E NOVEMBER 15, 2012
5
©2012 Integrated Device Technology, Inc.
ICS8543I Data Sheet
LOW SKEW, 1-to-4, DIFFERENTIAL-TO-LVDS FANOUT BUFFER
Table 4D. LVPECL DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Table 4E. LVDS DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
All parameters measured at 500MHz unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the differential output crosspoints.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using
the same type of inputs on each device, the outputs are measured at the differential crosspoints.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
PCLK
VDD = VIN = 3.465V
150
µA
nPCLK
VDD = VIN = 3.465V
5
µA
IIL
Input Low Current
PCLK
VDD = 3.465V, VIN = 0V
-5
µA
nPCLK
VDD = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.3
1
V
VCMR
Common Mode Input Voltage;
NOTE 1, 2
1.5
VDD
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
200
280
360
mV
V
OD
VOD Magnitude Change
0
40
mV
VOS
Offset Voltage
1.125
1.25
1.375
V
V
OS
VOS Magnitude Change
5
25
mV
IOz
High Impedance Leakage
-10
+10
µA
IOFF
Power Off Leakage
-20
±1
+20
µA
IOSD
Differential Output Short Circuit
Current
-3.5
-5
mA
IOS
Output Short Circuit Current
-3.5
-5
mA
VOH
Output Voltage High
1.34
1.6
V
VOL
Output Voltage Low
0.9
1.06
V
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Maximum Output Frequency
650
MHz
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
153.6MHz, Integration
Range: 12kHz – 20MHz
0.164
ps
tPD
Propagation Delay; NOTE 1
ƒ
 650MHz
1.5
2.6
ns
tsk(o)
Output Skew; NOTE 2, 4
40
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
600
ps
tR / tF
Output Rise/Fall Time
20% to 80% @ 50MHz
150
450
ps
odc
Output Duty Cycle
odc
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com