Electronic Components Datasheet Search
  English  ▼

X  

ICS8543I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS8543I
Description  Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8543I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS8543I Datasheet HTML 1Page - Renesas Technology Corp ICS8543I Datasheet HTML 2Page - Renesas Technology Corp ICS8543I Datasheet HTML 3Page - Renesas Technology Corp ICS8543I Datasheet HTML 4Page - Renesas Technology Corp ICS8543I Datasheet HTML 5Page - Renesas Technology Corp ICS8543I Datasheet HTML 6Page - Renesas Technology Corp ICS8543I Datasheet HTML 7Page - Renesas Technology Corp ICS8543I Datasheet HTML 8Page - Renesas Technology Corp ICS8543I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATA SHEET
Low Skew, 1-to-4,
Differential-to-LVDS Fanout Buffer
ICS8543I
ICS8543BGI REVISION E NOVEMBER 15, 2012
1
©2012 Integrated Device Technology, Inc.
General Description
The ICS8543I is a low skew, high performance 1-to-4 Differen-
tial-to-LVDS Clock Fanout Buffer. Utilizing Low Voltage Differential
Signaling (LVDS) the ICS8543I provides a low power, low noise, so-
lution for distributing clock signals over controlled impedances of
100
. The ICS8543I has two selectable clock inputs. The CLK,
nCLK pair can accept most standard differential input levels. The
PCLK, nPCLK pair can accept LVPECL, CML, or SSTL input levels.
The clock enable is internally synchronized to eliminate runt pulses
on the outputs during asynchronous assertion/deassertion of the
clock enable pin.
Guaranteed output and part-to-part skew characteristics make the
ICS8543I ideal for those applications demanding well defined perfor-
mance and repeatability.
Features
• Four differential LVDS output pairs
• Selectable differential CLK/nCLK or LVPECL clock inputs
• CLK/nCLK pair can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• PCLK/nPCLK pair can accept the following differential input
levels: LVPECL, CML, SSTL
• Maximum output frequency: 650MHz
• Translates any single-ended input signals to LVDS levels with
resistor bias on nCLK input
• Additive phase Jitter, RMS: 0.164ps (typical)
• Output skew: 40ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Propagation delay: 2.6ns (maximum)
• Full 3.3Vsupply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free packages
Block Diagram
Pin Assignment
ICS8543I
20-Lead TSSOP
6.5mm x 4.4mm x 0.925
mm
package body
G Package
Top View
0
1
D
Q
LE
0
1
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
CLK_EN
CLK
CLK_SEL
OE
Pulldown
Pulldown
nCLK Pullup
Pullup
Pullup
PCLK Pulldown
nPCLK Pullup
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
OE
nPCLK
PCLK
nCLK
CLK
CLK_SEL
CLK_EN
GND
VDD
Q0
nQ0
VDD
Q1
nQ1
Q2
nQ2
GND
Q3
nQ3


Similar Part No. - ICS8543I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8543I IDT-ICS8543I Datasheet
290Kb / 17P
Four differential LVDS output pairs
More results

Similar Description - ICS8543I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8543BGILF IDT-ICS8543BGILF Datasheet
902Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
ICS854104 IDT-ICS854104 Datasheet
750Kb / 15P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
ICS854104I IDT-ICS854104I Datasheet
321Kb / 15P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
ICS854104 RENESAS-ICS854104 Datasheet
747Kb / 16P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
ICS854104I RENESAS-ICS854104I Datasheet
724Kb / 16P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com