Electronic Components Datasheet Search
  English  ▼

X  

ICS8543I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS8543I
Description  Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8543I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS8543I Datasheet HTML 6Page - Renesas Technology Corp ICS8543I Datasheet HTML 7Page - Renesas Technology Corp ICS8543I Datasheet HTML 8Page - Renesas Technology Corp ICS8543I Datasheet HTML 9Page - Renesas Technology Corp ICS8543I Datasheet HTML 10Page - Renesas Technology Corp ICS8543I Datasheet HTML 11Page - Renesas Technology Corp ICS8543I Datasheet HTML 12Page - Renesas Technology Corp ICS8543I Datasheet HTML 13Page - Renesas Technology Corp ICS8543I Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ICS8543BGI REVISION E NOVEMBER 15, 2012
10
©2012 Integrated Device Technology, Inc.
ICS8543I Data Sheet
LOW SKEW, 1-to-4, DIFFERENTIAL-TO-LVDS FANOUT BUFFER
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and
other differential signals. Both signals must meet the VPP and VCMR
input requirements. Figures 3A to 3F show interface examples for the
CLK/nCLK input driven by the most common driver types. The input
interfaces suggested here are examples only. Please consult with the
vendor of the driver component to confirm the driver termination
requirements. For example, in Figure 3A, the input termination
applies for IDT open emitter LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
Figure 3A. CLK/nCLK Input Driven by an
IDT Open Emitter LVHSTL Driver
Figure 3C. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 3E. CLK/nCLK Input Driven by a
3.3V HCSL Driver
Figure 3B. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 3D. CLK/nCLK Input Driven by a
3.3V LVDS Driver
Figure 3F. CLK/nCLK Input Driven by a
2.5V SSTL Driver
R1
50
Ω
R2
50
Ω
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
R3
125
Ω
R4
125
Ω
R1
84
Ω
R2
84
Ω
3.3V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
3.3V
LVPECL
Differential
Input
HCSL
*R3
33
Ω
*R4
33
Ω
CLK
nCLK
3.3V
3.3V
Zo = 50
Ω
Zo = 50
Ω
Differential
Input
R1
50
Ω
R2
50
Ω
*Optional – R3 and R4 can be 0
Ω
CLK
nCLK
Differential
Input
LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
50
Ω
R2
50
Ω
R2
50
Ω
3.3V
R1
100
Ω
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
Differential
Input
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
Ω
R2
120
Ω
R3
120
Ω
R4
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com