Electronic Components Datasheet Search
  English  ▼

X  

P25Q16SL Datasheet(PDF) 21 Page - Puya Semiconductor Co., Ltd.

Part # P25Q16SL
Description  Ultra Low Power, 16M-bit Serial Multi I/O Flash Memory Datasheet
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q16SL Datasheet(HTML) 21 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q16SL Datasheet HTML 17Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 18Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 19Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 20Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 21Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 22Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 23Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 24Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 25Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
P25Q16SL Datasheet
Puya Semiconductor
Page 21 of 110
QPI Reset
(66h + 99h)
QPI
Hardware
Reset
Disable QPI (FFh)
Enable QPI (38h)
SPI Reset
(66h + 99h)
Standard SPI
Dual SPI
Quad SPI
Hardware
Reset
Device Initialization
& Status Register Refresh
Power Up
Standard SPI
The P25Q16SL features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip Select
(CS#), Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported. Input
data is latched on the rising edge of SCLK and data shifts out on the falling edge of SCLK.
Dual SPI
The P25Q16SL supports Dual SPI operation when using the “Dual Output Fast Read” and “Dual I/O Fast
Read”(3BHand BBH) commands. These commands allow data to be transferred to or from the device at two
times the rate of the standard SPI. When using the Dual SPI command the SI and SO pins become
bidirectional I/O pins: IO0 and IO1.
Quad SPI
The P25Q16SL supports Quad SPI operation when using the “Quad Output Fast Read”,” Quad I/O Fast
Read”(6BH,EBH,E7H) commands. These commands allow data to be transferred to or from the device at four
times the rate of the standard SPI. When using the Quad SPI command the SI and SO pins become
bidirectional I/O pins: IO0 and IO1, and WP# and HOLD# pins become IO2 andIO3. Quad SPI commands
require the non-volatile Quad Enable bit(QE) in Status Register to be set.
QPI
The P25Q16SL supports Quad Peripheral Interface (QPI) operations only when the device is switched from
Standard/Dual/Quad SPI mode to QPI mode using the “Enable the QPI (38H)” command. The QPI mode
utilizes all four IO pins to input the command code. Standard/Dual/Quad SPI mode and QPI mode are
exclusive. Only one mode can be active at any given times. “Enable the QPI(38H)”and “Disable the
QPI(FFH)”commands are used to switch between these two modes. Upon power-up and after software reset
using “”Reset (99H)”command, the default state of the device is Standard/Dual/Quad SPI mode. The QPI
mode requires the non-volatile Quad Enable bit (QE) in Status Register to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com